Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM7020E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SIM7020E
Description  SIMCom NB-IoT Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM7020E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SIM7020E Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM7020E Datasheet HTML 2Page - List of Unclassifed Manufacturers SIM7020E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Copyright © 2020 SIMCom Wireless Solutions Limited All Rights Reserved
Building B, SIM Technology Building, No.633, Jinzhong Road Changning District, Shanghai P.R.China
Tel: 86-21-31575100
Email: support@simcom.com
Web: www.simcom.com
Product
SIM7020E
SIM7020E-ND
SIM7020E-D
Form Factor
LCC, 42PIN
LCC, 42PIN
LCC, 42PIN
Dimensions(mm)
17.6*15.7*2.3
17.6*15.7*2.3
17.6*15.7*2.3
Frequency Bands
Cat-NB
B1/B3/B5/B8/B20/B28
B1/B3/B5/B8/B20/B28
B1/B3/B5/B8/B20/B28
Temperature
-40℃ ~ +85℃
-40℃ ~ +85℃
-40℃ ~ +85℃
Electrical Features
Supply Voltage Range(V)
2.1~ 3.6
3.0~ 3.6
2.1~ 3.6
Power
Consumption
@PSM(uA)
3.4
3.4
3.4
@Sleep(mA)
0.4
0.4
0.4
@Idle(mA)
5.6
5.6
5.6
@eDRX=655.36s(uA) 30
30
30
Data Transfer
NB-IoT(kbps)
26.15(DL)/62.5(UL)
26.15(DL)/62.5(UL)
26.15(DL)/62.5(UL)
Software Features
Protocol
TCP/UDP/HTTP/HTTPS/TLS/DTLS/D
NS/NTP/PING/LWM2M/COAP/MQTT/
MQTTS
TCP/UDP/HTTP/HTTPS/TLS/DTL
S/DNS/NTP/PING/LWM2M/COAP/
MQTT/MQTTS
TCP/UDP/HTTP/HTTPS/TLS/DTL
S/DNS/NTP/PING/LWM2M/COAP/
MQTT/MQTTS
FOTA
Embedded AT
Firmware Upgrade
UART/FOTA
UART/FOTA
UART/FOTA
Interfaces
SIM Card
1.8V/3.0V
1.8V/3.0V
1.8V/3.0V
UART
USB
ADC
Embedded SIM
o
o
o
Certification
Regulatory
CE/NCC/IMDA/ATEX/RoHS/REACH CE/NCC/IMDA/ATEX/RoHS/
REACH
CE/NCC/IMDA/ATEX/RoHS/
REACH
Carrier
Deutsche Telekom
Deutsche Telekom
Deutsche Telekom
●: support
o: optional
* : on going


Similar Part No. - SIM7020E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM700 ETC1-SIM700 Datasheet
2Mb / 12P
Wireless Module Solutions
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
SIM700D ETC1-SIM700D Datasheet
2Mb / 12P
Wireless Module Solutions
logo
Global Connector Techno...
SIM7050 GCT-SIM7050 Datasheet
242Kb / 3P
Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
24th August 2012
More results

Similar Description - SIM7020E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-1570 ADVANTECH-WISE-1570 Datasheet
341Kb / 2P
M2.COM NB-IoT Sensor Node
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
Quectel Wireless Soluti...
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
List of Unclassifed Man...
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
logo
Qorvo, Inc
QM55003 QORVO-QM55003 Datasheet
775Kb / 25P
Mid-Band Low-Band NB-IoT TxM
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
logo
AVX Corporation
9001815F0 AVX-9001815F0 Datasheet
1Mb / 10P
5G & NB-IoT FPC embedded Antenna
7/8/2022
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com