Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM7020E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIM7020E
Description  SIMCom NB-IoT Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM7020E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIM7020E Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM7020E Datasheet HTML 2Page - List of Unclassifed Manufacturers SIM7020E Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyright © 2020 SIMCom Wireless Solutions Limited All Rights Reserved
Building B, SIM Technology Building, No.633, Jinzhong Road Changning District, Shanghai P.R.China
Tel: 86-21-31575100
Email: support@simcom.com
Web: www.simcom.com
The SIM7020 series is the LPWA module which
supports wireless communication mode of Cat-NB.
The SIM7020 series adopts LCC1 form factor and has
a compact size of 17.6mm*15.7mm which makes it
ideal for compact products design.
The SIM7020 series has powerful expansibility with
abundant interfaces including UART, GPIO, I2C etc.
The SIM7020 series is designed for applications that
need low latency, low throughput data communication
in a variety of radio propagation conditions. Due to the
unique combination of performance, security and
flexibility, this module is ideally suited for M2M
applications, such as metering, asset tracking, remote
monitoring, E-health etc.
Product Description
Key Benefits
With Power Saving Mode(PSM) and Extended Discontinuous Reception(eDRX), the SIM7020 series can extend
battery life up to 10 years
The SIM7020 series provides deeper coverage enhancement compared to GSM
The form factor and AT commands of the SIM7020 series are compatible with SIM800C
SIM7020 Series
Multi-
Band
NB-IoT
MQTT
LWM2M
Compact
Size
FOTA
TCP/UDP
PSM/eDRX
HTTP/SSL
V: 2020.03
SIMCom NB-IoT Module
NOTE
1: The form factor of SIM7020G and SIM7020G R13 is LCC+LGA


Similar Part No. - SIM7020E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM700 ETC1-SIM700 Datasheet
2Mb / 12P
Wireless Module Solutions
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
SIM700D ETC1-SIM700D Datasheet
2Mb / 12P
Wireless Module Solutions
logo
Global Connector Techno...
SIM7050 GCT-SIM7050 Datasheet
242Kb / 3P
Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
24th August 2012
More results

Similar Description - SIM7020E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-1570 ADVANTECH-WISE-1570 Datasheet
341Kb / 2P
M2.COM NB-IoT Sensor Node
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
Multi-band NB-IoT modules
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
Quectel Wireless Soluti...
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
List of Unclassifed Man...
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
logo
Qorvo, Inc
QM55003 QORVO-QM55003 Datasheet
775Kb / 25P
Mid-Band Low-Band NB-IoT TxM
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
logo
AVX Corporation
9001815F0 AVX-9001815F0 Datasheet
1Mb / 10P
5G & NB-IoT FPC embedded Antenna
7/8/2022
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
logo
AVX Corporation
LSP69001299TR AVX-LSP69001299TR Datasheet
1Mb / 8P
LTE Cat-M1 / NB-IoT Antenna
30/09/2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com