Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5439581 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 5439581
Description  Printed-circuit board connector - BCVP-500W- 6 GY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5439581 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  5439581 Datasheet HTML 1Page - PHOENIX CONTACT 5439581 Datasheet HTML 2Page - PHOENIX CONTACT 5439581 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/5439581
11/19/2014   Page 2 / 3
Printed-circuit board connector - BCVP-500W- 6 GY - 5439581
Technical data
General
Insulating material
PA
Inflammability class according to UL 94
V0
Stripping length
7 mm
Number of positions
6
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, min.
0.5 mm²
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401


Similar Part No. - 5439581

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
543958 FESTO-543958 Datasheet
86Kb / 2P
Mini slide
More results

Similar Description - 5439581

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5439565 PHOENIX-5439565 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W- 4 GY
5439604 PHOENIX-5439604 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W- 8 GY
5439756 PHOENIX-5439756 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-23 GY
5439769 PHOENIX-5439769 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-24 GY
5439691 PHOENIX-5439691 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-17 GY
5439714 PHOENIX-5439714 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-19 GY
5439730 PHOENIX-5439730 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-21 GY
5439743 PHOENIX-5439743 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-22 GY
5439675 PHOENIX-5439675 Datasheet
64Kb / 3P
Printed-circuit board connector - BCVP-500W-15 GY
5439594 PHOENIX-5439594 Datasheet
63Kb / 3P
Printed-circuit board connector - BCVP-500W- 7 GY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com