Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG39-1205NM5RL Datasheet(PDF) 1 Page - HALO Electronics, Inc.

Part # TG39-1205NM5RL
Description  SMD Dual Port or Quad Channel T1/E1 Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

TG39-1205NM5RL Datasheet(HTML) 1 Page - HALO Electronics, Inc.

  TG39-1205NM5RL Datasheet HTML 1Page - HALO Electronics, Inc. TG39-1205NM5RL Datasheet HTML 2Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T1/E1 Isolation Modules
SMD Dual Port or Quad Channel T1/E1 Transformers
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Product Features:
T1/E1/CEPT/ISDN-PR
UL/EN60950/DEMKO Recognized
100% Electrical Testing
1500Vrms Hi-Pot
Patented Open Frame Construction
Turns Ratio
PRI OCL
Temp.
Part Number
Circuit
PRI:SEC
(mH typ)
Range
Primary Pins
RoHS1
TG05-1205NM5LF
A
1:2
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
Pb-Free
TG05-1205NM5RL
A
1:2
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
RoHS (7a)
TG07-1205NM5LF
B
1:2CT & 1:2CT
1.2
0 to 70°C
20-19, 15-14 & 4-5, 9-10
Pb-Free
TG07-1205NM5RL
B
1:2CT & 1:2CT
1.2
0 to 70°C
20-19, 15-14 & 4-5, 9-10
RoHS (7a)
TG23-1205NM5LF
A
1:2.42
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
Pb-Free
TG23-1205NM5RL
A
1:2.42
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
RoHS (7a)
TG25-1205NM5LF
A
1:1.26
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
Pb-Free
TG25-1205NM5RL
A
1:1.26
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
RoHS (7a)
TG27-S003NM5LF
B
1:2CT & 1:1.36CT
1.2
0 to 70°C
20-19, 15-14 & 4-5, 9-10
Pb-Free
TG27-S003NM5RL
B
1:2CT & 1:1.36CT
1.2
0 to 70°C
20-19, 15-14 & 4-5, 9-10
RoHS (7a)
TG36-1205NM5LF
A
1:1.15 & 1:1
1.2
0 to 70°C
1-2, 6-7 & 18-17, 13-12
Pb-Free
TG36-1205NM5RL
A
1:1.15 & 1:1
1.2
0 to 70°C
1-2, 6-7 & 18-17, 13-12
RoHS (7a)
TG37-1205NM5LF
B
1:1.14CT
1.2
0 to 70°C
20-19, 4-5, 15-14, 9-10
Pb-Free
TG37-1205NM5RL
B
1:1.14CT
1.2
0 to 70°C
20-19, 4-5, 15-14, 9-10
RoHS (7a)
TG39-1205NM5LF
A
1:1.15
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
Pb-Free
TG39-1205NM5RL
A
1:1.15
1.2
0 to 70°C
1-2, 3-4, 6-7, 8-9
RoHS (7a)
TG42-1205NM5LF
A
1:√2
1.2
0 to 70°C
1-2, 18-17, 6-7, 8-9
Pb-Free
TG42-1205NM5RL
A
1:√2
1.2
0 to 70°C
1-2, 18-17, 6-7, 8-9
RoHS (7a)
TG49-1205NM5LF
B
1CT:2 & 1:2CT
1.2
0 to 70°C
1-3, 6-8 & 4-5, 9-10
Pb-Free
TG49-1205NM5RL
B
1CT:2 & 1:2CT
1.2
0 to 70°C
1-3, 6-8 & 4-5, 9-10
RoHS (7a)
TG83-1205NM5LF
A
1:2 & 1:1
1.2
0 to 70°C
1-2, 6-7 & 18-17, 13-12
Pb-Free
TG83-1205NM5RL
A
1:2 & 1:1
1.2
0 to 70°C
1-2, 6-7 & 18-17, 13-12
RoHS (7a)
TGSP-S125NM5LF
A
1:2.4 & 1:1
1.2
0 to 70°C
1-2, 8-9 & 3-4, 6-7
Pb-Free
TGSP-S125NM5RL
A
1:2.4 & 1:1
1.2
0 to 70°C
1-2, 8-9 & 3-4, 6-7
RoHS (7a)
Conflict
FREE
ü
Notes:
1. Pb-Free parts are RoHS 6/6 compliant. RoHS (7a) parts contain lead per exemption 7a which is set to expire in July 2016.
2. Parts with RL suffix are not recommended for new designs.
3. Please contact the factory or representative for individual datasheets or additional information.
US Patent Numbers:
5,656,985
6,297,721 B1
6,297,720 B1 6,320,489 B1
6,344,785 B1 6,662.431 B1
RoHS
Compliant


Similar Part No. - TG39-1205NM5RL

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG39-1205NXLF HALO-TG39-1205NXLF Datasheet
447Kb / 3P
   SMD 4 Port T1/E1 Transformer
TG39-1205NXRL HALO-TG39-1205NXRL Datasheet
447Kb / 3P
   SMD 4 Port T1/E1 Transformer
More results

Similar Description - TG39-1205NM5RL

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG08-1505NZLF HALO-TG08-1505NZLF Datasheet
380Kb / 3P
   SMD Dual Port T1/E1 Transformers
TG01-1505NULF HALO-TG01-1505NULF Datasheet
398Kb / 2P
   SMD 8-Channel Quad Port T1/E1 Transformer
logo
Rhombus Industries Inc.
T-16119 RHOMBUS-IND-T-16119 Datasheet
23Kb / 1P
   QUAD PORT T1/E1
logo
XFMRS Inc.
XF00137A-32S XFMRS-XF00137A-32S_10 Datasheet
46Kb / 1P
   T1/E1/ QUAD PORT
logo
PCA ELECTRONICS INC.
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
   T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
logo
Premier Magnetics, Inc.
PM-8100 PMI-PM-8100 Datasheet
127Kb / 4P
   T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
PM-8300 PMI-PM-8300 Datasheet
75Kb / 2P
   T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
logo
Filtran LTD
8150 FILTRAN-8150 Datasheet
268Kb / 2P
   T1/CEPT Quad Port T1/E1
logo
PCA ELECTRONICS INC.
EPR1501S PCA-EPR1501S Datasheet
44Kb / 1P
   T1/E1 Transformers
logo
XFMRS Inc.
XF0013Q1B XFMRS-XF0013Q1B_15 Datasheet
61Kb / 1P
   T1/E1/CEPT QUAD PORT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com