Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG39-1205NXLF Datasheet(PDF) 2 Page - HALO Electronics, Inc.

Part # TG39-1205NXLF
Description  SMD 4 Port T1/E1 Transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

TG39-1205NXLF Datasheet(HTML) 2 Page - HALO Electronics, Inc.

  TG39-1205NXLF Datasheet HTML 1Page - HALO Electronics, Inc. TG39-1205NXLF Datasheet HTML 2Page - HALO Electronics, Inc. TG39-1205NXLF Datasheet HTML 3Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T1/E1 QuatraIsolation Modules
SMD 4 Port T1/E1 Transformer
For additional information contact your local representative, or HALO’s support staff at (650) 903-3800 or info@haloelectronics.com
Extended Temp
Turns Ratio (± 2%)
(-40 to +85C°C)
PRI : SEC
Primary Pins
Part Number
Circuit
TX
RX
TX
RX
RoHS
TG37-1505NXLF
B
1:1.14
1:1.14
See Circuit Diagram
See Circuit Diagram
Pb-Free
TG37-1505NXRL
B
1:1.14
1:1.14
See Circuit Diagram
See Circuit Diagram
RoHS (7a)
TG37-5176NXLF
D
1:1.14CT
1:1.14CT
4-5, 9-10, 14-15, 19-20
40-39, 35-34, 30-29, 25-24 Pb-Free
TG37-5176NXRL
D
1:1.14CT
1:1.14CT
4-5, 9-10, 14-15, 19-20
40-39, 35-34, 30-29, 25-24 RoHS (7a)
TG39-1505NXLF
B
1:1.15
1:1.15
See Circuit Diagram
See Circuit Diagram
Pb-Free
TG39-1505NXRL
B
1:1.15
1:1.15
See Circuit Diagram
See Circuit Diagram
RoHS (7a)
TG42-1505NXLF
C
1:1.41
1:1.41
1-2, 6-7, 11-12, 16-17
38-37, 33-22, 28-27, 23-22 Pb-Free
TG42-1505NXRL
C
1:1.41
1:1.41
1-2, 6-7, 11-12, 16-17
38-37, 33-22, 28-27, 23-22 RoHS (7a)
TG49-LVL1NXLF
D
1:2CT
1CT:2
4-5, 9-10, 14-15, 19-20
1-3, 6-8, 11-13, 16-18
Pb-Free
TG49-LVL1NXRL
D
1:2CT
1CT:2
4-5, 9-10, 14-15, 19-20
1-3, 6-8, 11-13, 16-18
RoHS (7a)
TG63-1505NXLF
E
1:1.15
1:2CT
1-2, 6-7, 11-12, 16-17
38-36, 33-31, 28-26, 23-21 Pb-Free
TG63-1505NXRL
E
1:1.15
1:2CT
1-2, 6-7, 11-12, 16-17
38-36, 33-31, 28-26, 23-21 RoHS (7a)
TG63-S003NXLF
C
1:1.15
1:2
3-4, 8-9, 13-14,18-19
1-2, 6-7, 11-12, 16-17
Pb-Free
TG63-S003NXRL
C
1:1.15
1:2
3-4, 8-9, 13-14,18-19
1-2, 6-7, 11-12, 16-17
RoHS (7a)
TG64-1505NXLF
G
1:1/1.26
1:2CT
1-2, 6-7, 11-12, 16-17
37-36, 32-31, 27-26, 22-21 Pb-Free
TG64-1505NXRL
G
1:1/1.26
1:2CT
1-2, 6-7, 11-12, 16-17
37-36, 32-31, 27-26, 22-21 RoHS (7a)
TG70-1505NXLF
D
1:1.36CT
1:1.36CT
4-5, 9-10, 14-15, 19-20
40-39, 35-34, 30-29, 25-24 Pb-Free
TG70-1505NXRL
D
1:1.36CT
1:1.36CT
4-5, 9-10, 14-15, 19-20
40-39, 35-34, 30-29, 25-24 RoHS (7a)
TG73-1505NXLF
C
1:2.3
1:1
3-4, 8-9, 13-14, 18-19
1-2, 6-7, 11-12, 16-17
Pb-Free
TG73-1505NXRL
C
1:2.3
1:1
3-4, 8-9, 13-14, 18-19
1-2, 6-7, 11-12, 16-17
RoHS (7a)
TG80-1505NXLF
G
1:2.45CT
1:2.45CT
1-2, 6-7, 11-12, 16-17
37-36, 32-31, 27-26, 22-21 Pb-Free
TG80-1505NXRL
G
1:2.45CT
1:2.45CT
1-2, 6-7, 11-12, 16-17
37-36, 32-31, 27-26, 22-21 RoHS (7a)
TG83-1505NXLF
C
1:2
1:1
1-2, 6-7, 11-12, 16-17
37-36, 32-31, 27-26, 22-21 Pb-Free
TG83-1505NXRL
C
1:2
1:1
1-2, 6-7, 11-12, 16-17
37-36, 32-31, 27-26, 22-21 RoHS (7a)
TG87-S004NXLF
E
1:2CT
1:1
38-36, 33-31, 28-26, 23-21
1-2, 6-7, 11-12, 16-17
Pb-Free
TG87-S004NXRL
E
1:2CT
1:1
38-36, 33-31, 28-26, 23-21
1-2, 6-7, 11-12, 16-17
RoHS (7a)
Notes:
1. Pb-Free parts are RoHS 6/6 compliant. RoHS (7a) parts contain lead per exemption 7a.
2. Parts with RL suffix are not recommended for new designs.
3. Please contact the factory or representative for individual datasheets or additional information.
Standard Temp
Extended Temp
OCL:
1.2mH (typ)
1.5mH (typ)
DCR:
0.7
Ω (max)
0.8
Ω (max)
LL:
0.4µF (max)
0.5µF (max)
Electrical Specifications @ 25°C


Similar Part No. - TG39-1205NXLF

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG39-1205NM5LF HALO-TG39-1205NM5LF Datasheet
394Kb / 2P
SMD Dual Port or Quad Channel T1/E1 Transformers
TG39-1205NM5RL HALO-TG39-1205NM5RL Datasheet
394Kb / 2P
SMD Dual Port or Quad Channel T1/E1 Transformers
More results

Similar Description - TG39-1205NXLF

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG01-1505NULF HALO-TG01-1505NULF Datasheet
398Kb / 2P
SMD 8-Channel Quad Port T1/E1 Transformer
logo
PCA ELECTRONICS INC.
EPR1502S PCA-EPR1502S Datasheet
44Kb / 1P
T1/ E1 Quad Port Transformer
EPR1537S PCA-EPR1537S Datasheet
53Kb / 1P
T1/E1 Quad Port Transformer
EPR1525S PCA-EPR1525S Datasheet
43Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1531S PCA-EPR1531S Datasheet
48Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1532S PCA-EPR1532S Datasheet
30Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPA3455S PCA-EPA3455S Datasheet
31Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPA3481S PCA-EPA3481S Datasheet
32Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPA3557S PCA-EPA3557S Datasheet
86Kb / 1P
T1/E1/ CEPT Quad Port Transformer
EPR1534S PCA-EPR1534S Datasheet
38Kb / 1P
T1/E1/ CEPT Quad Port Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com