Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAL3625035 Datasheet(PDF) 1 Page - Schneider Electric

Part # LAL3625035
Description  MOLDED CASE CIRCUIT BREAKER 600V 250A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LAL3625035 Datasheet(HTML) 1 Page - Schneider Electric

  LAL3625035 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product data sheet
Characteristics
LAL3625035
MOLDED CASE CIRCUIT BREAKER 600V 250A
Product availability : Non-Stock - Not normally stocked in distribution facility
Ordering and shipping details
Category
00935 - LAL/LHL BRKR, SW, MAG-GARD
Discount Schedule
DE2
GTIN
00785901749790
Nbr. of units in pkg.
1
Package weight(Lbs)
15.91 lb(US) (7.22 kg)
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: DINP, which is known to the State
of California to cause cancer, and DIDP, which is known to the State of California to cause birth
defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
PVC free
Yes
Halogen content performance
Halogen free plastic parts product
Contractual warranty
Warranty
18 months
 
Nov 23, 2020
1


Similar Part No. - LAL3625035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LAL36250 SCHNEIDER-LAL36250 Datasheet
118Kb / 2P
   3P 600VAC/250VDC 250A, LAL FA/LA MOLDED CASE CIRCUIT BREAKER
LAL362501021 SCHNEIDER-LAL362501021 Datasheet
131Kb / 2P
   FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 250A, 3P, SHUNT TRIP
LAL362501027 SCHNEIDER-LAL362501027 Datasheet
131Kb / 2P
   FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 250A, 3P, UNDERVOLTAGE RELEASE
LAL362501212 SCHNEIDER-LAL362501212 Datasheet
66Kb / 2P
   FA/LA MOLDED CASE CIRCUIT BREAKER 600V, 250A, 3P, AUX SWITCH
LAL362502307 SCHNEIDER-LAL362502307 Datasheet
65Kb / 2P
   FA/LA MOLDED CASE CIRCUIT BREAKER 600V,250A,3P,AUX SW,SHUNT TRIP,PADLKG HANDLE
More results

Similar Description - LAL3625035

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PGL36025CU43A SCHNEIDER-PGL36025CU43A Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PGF36025U44A SCHNEIDER-PGF36025U44A Datasheet
161Kb / 1P
   Molded Case Circuit Breaker 600V 250A
PGL36025U33AMO SCHNEIDER-PGL36025U33AMO Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PJF36025CU41A SCHNEIDER-PJF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PJL36025U74AE1 SCHNEIDER-PJL36025U74AE1 Datasheet
144Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PGF36025U43A SCHNEIDER-PGF36025U43A Datasheet
139Kb / 1P
   Molded Case Circuit Breaker 600V 250A
PJF36025CU43A SCHNEIDER-PJF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PJL36025CU31A SCHNEIDER-PJL36025CU31A Datasheet
144Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PKL36025CU44A SCHNEIDER-PKL36025CU44A Datasheet
94Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com