Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLS-161 Datasheet(PDF) 1 Page - GREEGOO Electric Co.,Ltd

Part # CLS-161
Description  CLS Limit switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

CLS-161 Datasheet(HTML) 1 Page - GREEGOO Electric Co.,Ltd

  CLS-161 Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd CLS-161 Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd CLS-161 Datasheet HTML 3Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Greegoo Electric 7.2007
Limit Switchs
Features
--------------------------------------------------------------------------------------------------------------
Economical & plastic type
Stainless steel roller, punch and spring
Swing amplitude, extra large 95
°
PG13.5 cable gland that can be equipped.
Electrical life
Specifications
Model
CLS
101
301
103
303
111
311
121
321
127
327
131
331
161
361
171
371
181
381
191
391
Operating force
OF Max
700g
700g
700g
500g
700g
500g-cm
100g
100g
100g
500g-cm
Release force
RF Min
200g
200g
200g
100g-cm
200g
100g-cm
40g
40g
40g
100g-cm
Pre-travel
PT Max
1.8mm
1.8mm
1.8mm
20
°
1.8mm
20
°
30mm
30mm
30mm
20
°
Tripping position
TP
± 10%
2.0mm
2.0mm
2.0mm
22.5
°
2.0mm
22.5
°
22.5
°
22.5
°
22.5
°
22.5
°
Movement differential
MD Max
1.2mm
1.2mm
1.2mm
10
°
1.2mm
10
°
14
°
14
°
14
°
10
°
Over travel
OT Min
4.0mm
4.0mm
4.0mm
75
°
4.0mm
75
°
20mm
20mm
20mm
75
°
Total travel
TT Min
5.8mm
5.8mm
5.8mm
95
°
5.8mm
95
°
50mm
50mm
50mm
95
°
Rotary indexing
22.5
°
22.5
°
Characteristics
Double Break Mechanism
INO+INC Force Break snap action
Rated Voltage / Current
10(4)A, 125, 250VAC / 6(2)A, 380VAC For inductance Load, Cos =
Φ0.4
Contact Resistance
25m
Ωmax. (initial value)
Insultation Resistance
100m
Ωmin. (at 500VDC)
Dielectric Strength
1000VAC, 50/60 HZ for 1 minute between terminals of the same polarity
1500VAC, 50/60 HZ for 1 minute between current-carrying and non-current-carrying metal parts
1500VAC, 50/60 HZ for 1 minute between each terminal and ground
Electrical Life
500,000 at 10A 250VAC Resistive
Mechanical Life
10, 000, 000 operations min. (under rated conditions)
Operating Speed
5mm/s to 0.5m/s
Degree of Protection
IP65
Ambient Temperature Rised
Max 30
℃over ambient temperature at rated voltage/current
Conformed Standards
Cenelec EN 50041, EN 50047, IEC 337-1, VDE 0660
Operating Temperature
-5
℃~+65℃(with no icing)
Storage Temperature
-5
℃~+65℃(with no icing)
Ambient Operating Humdity
95
℃ RH Max.
Shock Resistance
Mechanical durable: 1000m/s2 min.
Malfunction: 300m/s2 min.
Vibration Frequency
Malfunction: 10 to 55HZ, 1.5mm double amplitude
Terminal Screw Torsional Force
6-8 kgf-cm
Other Screw Torsional Force
Cover 12-14 kgf-cm/Head 8-9 kgf-cm/Mounting 50-60 kgf/cm
Bare Wire Diameter
Φ2Max
Cable Diameter
Φ12 Max(IP 65 if use cableΦ8-9)
CLS Limit switch


Similar Part No. - CLS-161

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS-10 SUMIDA-CLS-10 Datasheet
36Kb / 1P
General Power Transformer
CLS-12 SUMIDA-CLS-12 Datasheet
128Kb / 1P
General Power Transformer
More results

Similar Description - CLS-161

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
Limit switch box
7/20/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com