Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040 Datasheet(PDF) 2 Page - Texas Instruments

Part # TWL6040
Description  TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TWL6040 Datasheet(HTML) 2 Page - Texas Instruments

  TWL6040_V01 Datasheet HTML 1Page - Texas Instruments TWL6040_V01 Datasheet HTML 2Page - Texas Instruments TWL6040_V01 Datasheet HTML 3Page - Texas Instruments TWL6040_V01 Datasheet HTML 4Page - Texas Instruments TWL6040_V01 Datasheet HTML 5Page - Texas Instruments TWL6040_V01 Datasheet HTML 6Page - Texas Instruments TWL6040_V01 Datasheet HTML 7Page - Texas Instruments TWL6040_V01 Datasheet HTML 8Page - Texas Instruments TWL6040_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TWL6040
SWCS052B – AUGUST 2010 – REVISED AUGUST 2014
www.ti.com
Stereo speaker path has filterless class-D outputs with 1.5-W capability per channel. Output power
maximization supply connections to an external boost is supported. Speaker drivers also support hearing
aid coil loads. For vibrator and haptic feedback support, the TWL6040 has two PWM channels with
independent input signals from DL4 or inter-integrated circuit (I2C).
Vibrator drivers are differential H-bridge outputs, enabling fast acceleration and deceleration of vibrator
motor. An external driver for a hearing aid coil or a piezo speaker requiring high voltage can be connected
to line outputs.
The TWL6040 supports three differential microphone inputs (MMIC, HMIC, and SMIC) and a stereo line-
input (AFML, AFMR) multiplexed to two parallel ADCs. The PDM output from the ADCs is transmitted to
the OMAP4 processor through UL0 and UL1. AFML, AFMR inputs can also be looped to analog outputs
(LB0, LB1).
Two LDOs provide a voltage of 2.1 V to bias analog microphones (MBIAS and HBIAS). The maximum
output current is 2 mA for each analog bias, allowing up to two microphones on one bias. Two LDOs
provide a voltage of 1.8 V/1.85 V to bias digital microphones (DBIAS1 and DBIAS2). One bias generator
can bias several digital microphones at the same time, with a total maximum output current of 10 mA.
The TWL6040 has an integrated negative charge pump (NCP) and two LDOs (HS LDO and LS LDO) for
high PSRR. The only external supply needed is 2.1 V, which is available from the 2.1-V DC-DC of the
TWL6030 power-management IC (PMIC) in the OMAP4 system. By powering audio from low-noise 2.1-V
DC-DC of low power consumption, high dynamic range and high output swing at headset output are
achieved. All other supply inputs can be directly connected to battery or system 1.8-V I/O.
Two integrated PLLs enable operation from a 12-, 19.2-, 26-, and 38.4-MHz system clock (MCLK) or, in
LP playback mode, from a 32-kHz sleep clock (CLK32K). The frequency plan is based on a 48-kS/s audio
data rate for all channels, and host processor uses sample-rate converters to interface with different
sample rates (for example, 44.1 kHz). In the specific case of low-power audio playback, the TWL6040
supports the 44.1-kS/s and 48-kS/s rates. Transitions between sample rates or input clocks are seamless.
Accessory plug and unplug detections are supported (PLUGDET). Some headsets have a manual switch
for submitting send/end signal to the terminal through the microphone input pin. This feature is supported
by a periodic accessory button press detection to minimize current consumption in sleep mode. Detection
cycle properties can be programmed according to system requirements.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TWL6040A2
ZQZ (120)
6.00 mm × 6.00 mm
TWL6040A3
ZQZ (120)
6.00 mm × 6.00 mm
(1)
For more information, see Section 3, Mechanical Packaging and Orderable Information.
2
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TWL6040


Similar Part No. - TWL6040_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
More results

Similar Description - TWL6040_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com