Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H1G0438M-UC Datasheet(PDF) 16 Page - Samsung semiconductor

Part # K4H1G0438M-UC
Description  1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H1G0438M-UC Datasheet(HTML) 16 Page - Samsung semiconductor

Back Button K4H1G0438M-UC Datasheet HTML 12Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 13Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 14Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 15Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 16Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 17Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 18Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 19Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 20Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
DDR SDRAM
DDR SDRAM 1Gb M-die (x4, x8) Pb-Free
Revision 1.1 October, 2004
Parameter
Symbol
B3
(DDR333@CL=2.5))
A2
(DDR266@CL=2.0)
B0
(DDR266@CL=2.5)
Unit
Note
Min
Max
Min
Max
Min
Max
Mode register set cycle time
tMRD
12
15
15
ns
DQ & DM setup time to DQS
tDS
0.45
0.5
0.5
ns
j, k
DQ & DM hold time to DQS
tDH
0.45
0.5
0.5
ns
j, k
Control & Address input pulse
tIPW
2.2
2.2
2.2
ns
8
DQ & DM input pulse width
tDIPW
1.75
1.75
1.75
ns
8
Power down exit time
tPDEX
6
7.5
7.5
ns
Exit self refresh to non-Read com-
tXSNR
75
75
75
ns
Exit self refresh to read command
tXSRD
200
200
200
tCK
Refresh interval time
tREFI
7.8
7.8
7.8
us
4
Output DQS valid window
tQH
tHP
-tQHS
-
tHP
-tQHS
-
tHP
-tQHS
-ns
11
Clock half period
tHP
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
tCLmin
or tCHmin
-
ns
10, 11
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
11
DQS write postamble time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
2
Active to Read with Auto precharge
command
tRAP
18
20
20
Autoprecharge write recovery +
Precharge time
tDAL
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
(tWR/tCK)
+
(tRP/tCK)
tCK
13
System Characteristics for DDR SDRAM
The following specification parameters are required in systems using DDR333 & DDR266 devices to ensure proper sys-
tem performance. these characteristics are for system simulation purposes and are guaranteed by design.
Table 1 : Input Slew Rate for DQ, DQS, and DM
Table 2 : Input Setup & Hold Time Derating for Slew Rate
Table 3 : Input/Output Setup & Hold Time Derating for Slew Rate
AC CHARACTERISTICS
DDR333
DDR266
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
Units
Notes
DQ/DM/DQS input slew rate measured between
VIH(DC), VIL(DC) and VIL(DC), VIH(DC)
DCSLEW
TBD
TBD
TBD
TBD
V/ns
a, m
Input Slew Rate
tIS
tIH
Units
Notes
0.5 V/ns
0
0
ps
i
0.4 V/ns
+50
0
ps
i
0.3 V/ns
+100
0
ps
i
Input Slew Rate
tDS
tDH
Units
Notes
0.5 V/ns
0
0
ps
k
0.4 V/ns
+75
+75
ps
k
0.3 V/ns
+150
+150
ps
k


Similar Part No. - K4H1G0438M-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0438M-TC/LA2 SAMSUNG-K4H1G0438M-TC/LA2 Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4H1G0438M-TC/LB0 SAMSUNG-K4H1G0438M-TC/LB0 Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4H1G0438M-TC/LB3 SAMSUNG-K4H1G0438M-TC/LB3 Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4H1G0438M-TCA0 SAMSUNG-K4H1G0438M-TCA0 Datasheet
669Kb / 53P
128Mb DDR SDRAM
K4H1G0438M-TCA2 SAMSUNG-K4H1G0438M-TCA2 Datasheet
669Kb / 53P
128Mb DDR SDRAM
More results

Similar Description - K4H1G0438M-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com