Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H1G0438M-UC Datasheet(PDF) 13 Page - Samsung semiconductor

Part # K4H1G0438M-UC
Description  1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H1G0438M-UC Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button K4H1G0438M-UC Datasheet HTML 9Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 10Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 11Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 12Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 13Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 14Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 15Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 16Page - Samsung semiconductor K4H1G0438M-UC Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DDR SDRAM
DDR SDRAM 1Gb M-die (x4, x8) Pb-Free
Revision 1.1 October, 2004
AC Operating Conditions
Parameter/Condition
Symbol
Min
Max-10
Unit
Note
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals.
VIL(AC)
VREF - 0.31
V
Input Differential Voltage, CK and /CK inputs
VID(AC)
0.7
VDDQ+0.6
V
1
Input Crossing Point Voltage, CK and /CK inputs
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
2
AC Overshoot/Undershoot specification for Address and Control Pins
Parameter
Specification
DDR333
DDR200/266
Maximum peak amplitude allowed for overshoot
TBD
1.5 V
Maximum peak amplitude allowed for undershoot
TBD
1.5 V
The area between the overshoot signal and VDD must be less than or equal to
TBD
4.5 V-ns
The area between the undershoot signal and GND must be less than or equal to
TBD
4.5 V-ns
5
4
3
2
1
0
-1
-2
-3
-4
-5
0
0.5
0.6875
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.3125
6.5
7.0
VDD
Overshoot
Maximum Amplitude = 1.5V
Area = 4.5V-ns
Maximum Amplitude = 1.5V
undershoot
GND
Tims(ns)
AC overshoot/Undershoot Definition
Notes :
1. VID is the magnitude of the difference between the input level on CK and the input level on /CK.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the dc level of the same.


Similar Part No. - K4H1G0438M-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0438M-TC/LA2 SAMSUNG-K4H1G0438M-TC/LA2 Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4H1G0438M-TC/LB0 SAMSUNG-K4H1G0438M-TC/LB0 Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4H1G0438M-TC/LB3 SAMSUNG-K4H1G0438M-TC/LB3 Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4H1G0438M-TCA0 SAMSUNG-K4H1G0438M-TCA0 Datasheet
669Kb / 53P
128Mb DDR SDRAM
K4H1G0438M-TCA2 SAMSUNG-K4H1G0438M-TCA2 Datasheet
669Kb / 53P
128Mb DDR SDRAM
More results

Similar Description - K4H1G0438M-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
1Gb M-die DDR SDRAM Specification
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S560432E-UC SAMSUNG-K4S560432E-UC Datasheet
198Kb / 14P
256Mb E-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S280432F-UC SAMSUNG-K4S280432F-UC Datasheet
145Kb / 14P
128Mb F-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H511638D SAMSUNG-K4H511638D Datasheet
366Kb / 24P
512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-UC SAMSUNG-K4H560438E-UC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H560438E-VC SAMSUNG-K4H560438E-VC Datasheet
297Kb / 23P
256Mb E-die DDR SDRAM Specification 54 sTSOP-II with Pb-Free (RoHS compliant)
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K4H280438F-UC SAMSUNG-K4H280438F-UC Datasheet
298Kb / 23P
128Mb F-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com