Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFS5045 Datasheet(PDF) 4 Page - TDK Electronics

Part # VFS5045
Description  Noise suppression filter For home appliances
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VFS5045 Datasheet(HTML) 4 Page - TDK Electronics

  VFS5045 Datasheet HTML 1Page - TDK Electronics VFS5045 Datasheet HTML 2Page - TDK Electronics VFS5045 Datasheet HTML 3Page - TDK Electronics VFS5045 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200805
(4/4)
suppression-filter_commercial_vfs5045_en.fm
EMC Components
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using this products.
The storage period is less than 12 months. Be sure to follow the storage conditions (temperature: 5 to 30°C, humidity: 10 to 75% RH or
less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications equip-
ment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equip-
ment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or qual-
ity require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society,
person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
  
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing pro-
tection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - VFS5045

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045SA102 TDK-VFS6045SA102 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045SA151 TDK-VFS6045SA151 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045SA451 TDK-VFS6045SA451 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045VA031 TDK-VFS6045VA031 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
More results

Similar Description - VFS5045

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
   20A Power Relay For Home appliances
logo
TDK Electronics
MHF1608 TDK-MHF1608 Datasheet
178Kb / 4P
   Noise suppression filter For MF / HF band noise suppression
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
   Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
   Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
   Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
   Noise suppression filter
MAF1005G TDK-MAF1005G Datasheet
231Kb / 5P
   Noise suppression filter
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
   Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
   Noise suppression filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com