Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS139 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SN74LS139
Description  LOW POWER SCHOTTKY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN74LS139 Datasheet(HTML) 2 Page - ON Semiconductor

  SN74LS139 Datasheet HTML 1Page - ON Semiconductor SN74LS139 Datasheet HTML 2Page - ON Semiconductor SN74LS139 Datasheet HTML 3Page - ON Semiconductor SN74LS139 Datasheet HTML 4Page - ON Semiconductor SN74LS139 Datasheet HTML 5Page - ON Semiconductor SN74LS139 Datasheet HTML 6Page - ON Semiconductor SN74LS139 Datasheet HTML 7Page - ON Semiconductor SN74LS139 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS139
http://onsemi.com
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Address Inputs
Enable (Active LOW) Input
Active LOW Outputs
A0, A1
E
O0 – O3
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
NOTE:
The Flatpak version has the same
pinouts (Connection Diagram) as
the Dual In-Line Package.
14
13
12
11
10
9
123
45
6
7
16
15
8
VCC
Eb
GND
A0b
A1b
O0b
O1b
O2b
O3b
Ea
O0a
O1a
A0a
A1a
VCC = PIN 16
GND = PIN 8
O1
12 3
15
14 13
4 5 6 7
12 11 10 9
EA0 A1
DECODER a
DECODER b
O0
O2 O3
EA0 A1
O2a
O3a
O1
O0
O2 O3
LOGIC SYMBOL


Similar Part No. - SN74LS139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS139A TI-SN74LS139A Datasheet
640Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS139A TI1-SN74LS139A Datasheet
1Mb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS139AD TI-SN74LS139AD Datasheet
640Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS139AD TI1-SN74LS139AD Datasheet
1Mb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74LS139ADE4 TI-SN74LS139ADE4 Datasheet
640Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LS139

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS74A ONSEMI-SN74LS74A Datasheet
102Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS76A ONSEMI-SN74LS76A Datasheet
93Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com