Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5450625 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5450625
Description  Printed-circuit board connector - BCVP-500W-10 GN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5450625 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5450625 Datasheet HTML 1Page - PHOENIX CONTACT 5450625 Datasheet HTML 2Page - PHOENIX CONTACT 5450625 Datasheet HTML 3Page - PHOENIX CONTACT 5450625 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/5450625
11/05/2014   Page 1 / 4
Printed-circuit board connector - BCVP-500W-10 GN - 5450625
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 10, Pitch: 5 mm,
Connection method: Screw connection, Color: pastel green, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
Germany
Technical data
Dimensions
Pitch
5 mm
Dimension a
45 mm
General
Range of articles
BCVP-W
Insulating material group
I
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A (with 2.5 mm² conductor cross section)


Similar Part No. - 5450625

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54506 ETC2-54506 Datasheet
300Kb / 1P
Two-Way Splice Connectors - Standard Barrel 600V to 35KV
logo
PHOENIX CONTACT
5450609 PHOENIX-5450609 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W- 8 GN
5450612 PHOENIX-5450612 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W- 9 GN
5450638 PHOENIX-5450638 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-11 GN
5450641 PHOENIX-5450641 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-12 GN
More results

Similar Description - 5450625

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5450748 PHOENIX-5450748 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-22 GN
5450557 PHOENIX-5450557 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W- 3 GN
5450612 PHOENIX-5450612 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W- 9 GN
5450638 PHOENIX-5450638 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-11 GN
5450560 PHOENIX-5450560 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W- 4 GN
5450735 PHOENIX-5450735 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-21 GN
5450751 PHOENIX-5450751 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-23 GN
5450609 PHOENIX-5450609 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W- 8 GN
5450696 PHOENIX-5450696 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-17 GN
5450706 PHOENIX-5450706 Datasheet
73Kb / 4P
Printed-circuit board connector - BCVP-500W-18 GN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com