Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF1608 Datasheet(PDF) 1 Page - TDK Electronics

Part # MHF1608
Description  Noise suppression filter For MF / HF band noise suppression
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHF1608 Datasheet(HTML) 1 Page - TDK Electronics

  MHF1608 Datasheet HTML 1Page - TDK Electronics MHF1608 Datasheet HTML 2Page - TDK Electronics MHF1608 Datasheet HTML 3Page - TDK Electronics MHF1608 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200910
(1/4)
suppression-filter_automotive_mhf1608_en.fm
EMC Components
Noise suppression filter
For MF / HF band noise suppression
MHF series (for automotive)
MHF1608 type
FEATURES
This noise suppression filter is effective for MF/HF noise suppression.
The High-loss, High-µ ferrite material of the new development is adopted.
Due to the high-attenuation characteristics at frequencies lower than 100MHz, it is highly effective in suppressing noise in the MF/HF
band.
Operating temperature range: –55 to +125°C
Compliant with AEC-Q200
APPLICATION
Car navigation, car audio
(AM/FM radio).
BMS (Battery monitoring system)
Various in-vehicle electronic control units (ECU)
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
MHF
1608
B
AC
352
A
T
D25
Series name
L×W×T dimensions
Characteristics
Internal
code
Impedance
Internal
code
Packaging
style
Internal code
1.6×0.8x0.8 mm
(
) at 10MHz
Impedance
DC resistance
Rated current
Part No.
[1MHz]
[10MHz]
[100MHz]
(
)Typ.
(
)tolerance
(
)typ.
(
)max.
(mA)max.
80
600±25%
1200
0.600
350
MHF1608BAC601ATD25
220
1800±25%
1800
1.400
250
MHF1608BAC182ATD25
280
2500±25%
1800
1.600
200
MHF1608BAC252ATD25
380
3500±25%
1600
1.800
170
MHF1608BAC352ATD25
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Keysight Technologies
DC resistance
Type-7556
Yokogawa
AEC-Q200
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MHF1608

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF16SGL ADAM-TECH-MHF16SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF16SGS ADAM-TECH-MHF16SGS Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
Noise suppression filter
MAF1005G TDK-MAF1005G Datasheet
231Kb / 5P
Noise suppression filter
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
Noise suppression filter
VAF201610FA-1 TDK-VAF201610FA-1 Datasheet
209Kb / 4P
Noise suppression filter For audio lines
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com