Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF1608 Datasheet(PDF) 4 Page - TDK Electronics

Part # MHF1608
Description  Noise suppression filter For MF / HF band noise suppression
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHF1608 Datasheet(HTML) 4 Page - TDK Electronics

  MHF1608 Datasheet HTML 1Page - TDK Electronics MHF1608 Datasheet HTML 2Page - TDK Electronics MHF1608 Datasheet HTML 3Page - TDK Electronics MHF1608 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200910
(4/4)
suppression-filter_automotive_mhf1608_en.fm
EMC Components
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using this products.
The storage period is less than 12 months. Be sure to follow the storage conditions (temperature: 5 to 40°C, humidity: 10 to 75% RH or
less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products described in this catalog are intended to be installed in automobiles or automotive electronic equipment (AV equipment,
telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equip-
ment, measurement equipment, industrial robots) and to be used in automobiles (including the case where the said automotive product
is mounted in a vehicle) or standard applications as general electronic equipment in automotive applications or standard applications
as general electronic equipment in automotive applications in accordance with the scope and conditions described in this specification,
while the said automotive or general electronic equipment including the said product is intended to be used in the usual operation and
usage methods, respectively. Other than automotive or automotive products are not designed or warranted to meet the requirements of
the applications listed below, whose performance and/or quality requires a more stringent level of safety or reliability, or whose failure,
malfunction or defect could cause serious damage to society, person or property.
Please understand that we are not responsible for any damage or liability caused by use of the products in any of the applications
below or for any other use exceeding the range or conditions set forth in this specification sheet.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in this specification, please contact us.
(1) Aerospace/aviation equipment
(2) Transportation equipment (electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing pro-
tection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - MHF1608

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF16SGL ADAM-TECH-MHF16SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF16SGS ADAM-TECH-MHF16SGS Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
Noise suppression filter
MAF1005G TDK-MAF1005G Datasheet
231Kb / 5P
Noise suppression filter
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
Noise suppression filter
VAF201610FA-1 TDK-VAF201610FA-1 Datasheet
209Kb / 4P
Noise suppression filter For audio lines
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com