Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHF1608 Datasheet(PDF) 3 Page - TDK Electronics

Part # MHF1608
Description  Noise suppression filter For MF / HF band noise suppression
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHF1608 Datasheet(HTML) 3 Page - TDK Electronics

  MHF1608 Datasheet HTML 1Page - TDK Electronics MHF1608 Datasheet HTML 2Page - TDK Electronics MHF1608 Datasheet HTML 3Page - TDK Electronics MHF1608 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200910
(3/4)
suppression-filter_automotive_mhf1608_en.fm
EMC Components
MHF1608 type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
The storage temperature range is for after the assembly.
Dimensions in mm
1.6±0.15
0.3±0.2
Dimensions in mm
0.8
0.6
0.6
Natural
cooling
10s
60 to 120s
Preheating
30 to 60s
Soldering
230°C
230°C
250 to 260
°C
180°C
150°C
Peak
Type
A
B
K
MHF1608
1.1±0.2
1.9±0.2
1.1max.
Package quantity
4,000 pcs/reel
Operating
temperature range
Storage
temperature range
Individual
weight
–55 to +125 °C
–55 to +125 °C
5.2 mg
ø180±2.0
2.0±0.5
ø13±0.2
ø21±0.8
Dimensions in mm
1.0
14.4max.
8.4
+2.0
–0.0
K
4.0±0.1
4.0±0.1
2.0±0.05
A
Dimensions in mm
Sprocket
hole
1.5
+0.1
–0
Cavity
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm


Similar Part No. - MHF1608

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHF16SGL ADAM-TECH-MHF16SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF16SGS ADAM-TECH-MHF16SGS Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF1608

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
Noise suppression filter
MAF1005G TDK-MAF1005G Datasheet
231Kb / 5P
Noise suppression filter
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
Noise suppression filter
VAF201610FA-1 TDK-VAF201610FA-1 Datasheet
209Kb / 4P
Noise suppression filter For audio lines
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com