Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKF36025CU41A Datasheet(PDF) 1 Page - Schneider Electric

Part # PKF36025CU41A
Description  Molded Case Circuit Breaker 600V 250A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PKF36025CU41A Datasheet(HTML) 1 Page - Schneider Electric

  PKF36025CU41A Datasheet HTML 1Page - Schneider Electric PKF36025CU41A Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
PKF36025CU41A
Molded Case Circuit Breaker 600V 250A
Main
Product or component type
Circuit breaker
Range of product
PowerPact P
Current sensor rating range
250 A
Line Rated Current
250 A
Breaking capacity
65 kA 240 V AC
50 kA 480 V AC
50 kA 600 V AC
Trip unit technology
Electronic, ammeter, Micrologic 3.0 A, LI
Complementary
Product certifications
UL Listed
CSA
IEC
[Ue] rated operational voltage
600 V AC
Module type
P-Frame
Mounting location
Busbar
Mounting mode
Unit mount
Poles description
3P
Breaking capacity code
K
Electrical connection
Busbar connection line
Busbar connection load
Continuous current rating
100 %
Device short name
A
Maximum Height
12.86 in (326.64 mm)
Maximum Depth
8.05 in (204.47 mm)
Maximum Width
8.27 in (210.06 mm)
Tightening torque
442.54 lbf.in (50 N.m) 0.15…0.37 in² (95…240 mm²) AWG 3/0...500 kcmil)
8.85…11.51 lbf.in (1.0…1.3 N.m)
 
Oct 29, 2020
1


Similar Part No. - PKF36025CU41A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PKF36025CU43A SCHNEIDER-PKF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PKF36025CU44A SCHNEIDER-PKF36025CU44A Datasheet
163Kb / 2P
   Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PKF36025CU41A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PGL36025CU43A SCHNEIDER-PGL36025CU43A Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PGF36025U44A SCHNEIDER-PGF36025U44A Datasheet
161Kb / 1P
   Molded Case Circuit Breaker 600V 250A
PGL36025U33AMO SCHNEIDER-PGL36025U33AMO Datasheet
141Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PJF36025CU41A SCHNEIDER-PJF36025CU41A Datasheet
147Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PJL36025U74AE1 SCHNEIDER-PJL36025U74AE1 Datasheet
144Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PGF36025U43A SCHNEIDER-PGF36025U43A Datasheet
139Kb / 1P
   Molded Case Circuit Breaker 600V 250A
LAL3625035 SCHNEIDER-LAL3625035 Datasheet
56Kb / 1P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PJF36025CU43A SCHNEIDER-PJF36025CU43A Datasheet
141Kb / 2P
   Molded Case Circuit Breaker 600V 250A
PJL36025CU31A SCHNEIDER-PJL36025CU31A Datasheet
144Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
PKL36025CU44A SCHNEIDER-PKL36025CU44A Datasheet
94Kb / 2P
   MOLDED CASE CIRCUIT BREAKER 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com