Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3212 Datasheet(PDF) 7 Page - NEC

Part # UPD70F3212
Description  32-Bit Single-Chip Microcontrollers
Download  861 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3212 Datasheet(HTML) 7 Page - NEC

Back Button UPD70F3212 Datasheet HTML 3Page - NEC UPD70F3212 Datasheet HTML 4Page - NEC UPD70F3212 Datasheet HTML 5Page - NEC UPD70F3212 Datasheet HTML 6Page - NEC UPD70F3212 Datasheet HTML 7Page - NEC UPD70F3212 Datasheet HTML 8Page - NEC UPD70F3212 Datasheet HTML 9Page - NEC UPD70F3212 Datasheet HTML 10Page - NEC UPD70F3212 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 861 page
background image
User’s Manual U16890EJ1V0UD
7
To find the details of a register where the name is known
→ Refer to APPENDIX C REGISTER INDEX.
To understand the details of an instruction function
→ Refer to the V850ES Architecture User’s Manual.
Register format
→ The name of the bit whose number is in angle brackets (<>) in the figure of the
register format of each register is defined as a reserved word in the device file.
To understand the overall functions of the V850ES/KG1
→ Read this manual according to the CONTENTS.
To know the electrical specifications of the V850ES/KG1
→ Refer to CHAPTER 28 ELECTRICAL SPECIFICATIONS (MASK ROM VERSION
OF 256 KB AND SINGLE-POWER FLASH MEMORY VERSION) (TARGET), CHAPTER
29
ELECTRICAL
SPECIFICATIONS
(STANDARD
PRODUCTS
(MASK
ROM
VERSION OF 128 KB OR LESS AND TWO-POWER FLASH MEMORY VERSION), (A)
GRADE PRODUCTS), CHAPTER 30 ELECTRICAL SPECIFICATIONS ((A1) GRADE
PRODUCTS) (TARGET), and CHAPTER 31
ELECTRICAL SPECIFICATIONS ((A2)
GRADE PRODUCTS) (TARGET).
The “yyy bit of the xxx register” is described as the “xxx.yyy bit” in this manual. Note with
caution that if “xxx.yyy” is described as is in a program, however, the compiler/assembler
cannot recognize it correctly.
Conventions
Data significance:
Higher digits on the left and lower digits on the right
Active low representation: xxx (overscore over pin or signal name)
Memory map address:
Higher addresses on the top and lower addresses on the bottom
Note:
Footnote for item marked with Note in the text
Caution:
Information requiring particular attention
Remark:
Supplementary information
Numeric representation:
Binary
... xxxx or xxxxB
Decimal
... xxxx
Hexadecimal
... xxxxH
Prefix indicating power of 2 (address space, memory capacity):
K (kilo):
2
10 = 1,024
M (mega): 2
20 = 1,0242
G (giga):
2
30 = 1,0243


Similar Part No. - UPD70F3212

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3212

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com