Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 15 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 15 Page - NEC

Back Button UPD70F3201 Datasheet HTML 11Page - NEC UPD70F3201 Datasheet HTML 12Page - NEC UPD70F3201 Datasheet HTML 13Page - NEC UPD70F3201 Datasheet HTML 14Page - NEC UPD70F3201 Datasheet HTML 15Page - NEC UPD70F3201 Datasheet HTML 16Page - NEC UPD70F3201 Datasheet HTML 17Page - NEC UPD70F3201 Datasheet HTML 18Page - NEC UPD70F3201 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
15
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
(2/4)
Pin Name
I/O
PULL
Function
Alternate Function
ANO0
P80
ANO1
Output
No
Analog voltage output for D/A converter
P81
ASTB
Output
No
Address strobe signal output for external memory
PCT6
AVDD
Positive power supply for A/D converter (same potential as VDD)–
AVREF0
Reference voltage input for A/D converter
AVREF1
Input
Reference voltage input for D/A converter
AVSS
Ground potential for A/D, D/A converters (same potential as VSS)–
CLKOUT
Output
No
Internal system clock output
PCM1
CS0 to CS3
Output
No
Chip select output
PCS0 to PCS3
EVDD
Positive power supply for external devices (same potential as
VDD)
EVSS
Ground potential for external devices (same potential as VSS)–
FLMD0
Note 1
FLMD1
Note 1
Input
No
Flash programming mode lead-in pins
PDL5/AD5
HLDAK
Output
No
Bus hold acknowledge output
PCM2
HLDRQ
Input
No
Bus hold request input
PCM3
IC
Internally connected (directly connect to VSS). (
µPD703201,
703201Y, 703204, and 703204Y only)
INTP0 to INTP3
P01/TI2 to P04/TI5
INTP4
P05
INTP5
P92/A2
INTP6
Input
Yes
External interrupt request input (maskable, analog noise
elimination)
P93/A3
INTP00
P43/TI0/TCLR0
INTP01
Capture trigger input (TM0)
P44/TO0
INTP10
P45/TI1/TCLR1
INTP11
Input
Yes
Capture trigger input (TM1)
P46/TO1
NMI
Input
Yes
External interrupt input (non-maskable, analog noise elimination)
P00
RD
Output
No
Read strobe signal output for external memory
PCT4
RESET
Input
System reset input
RXD0
Serial receive data input (UART0)
P30/SI1
RXD1
Input
Yes
Serial receive data input (UART1)
P98/A8
SCK0
Serial clock I/O (CSI0)
P42/SCL
Note 2
SCK1
Serial clock I/O (CSI1)
P32
SCK2
Serial clock I/O (CSI2)
P912/A12
SCK3
Serial clock I/O (CSI3)
P915/A15
[SCK4]
I/O
Yes
Serial clock I/O (CSI4)
[P22]
SCL
Note 2
I/O
Yes
Serial clock I/O (I
2C)
P42/SCK0
SDA
Note 2
I/O
Yes
Serial transmit/receive data I/O (I
2C)
P41/SO0
Notes 1. Applies to the
µPD70F3201, 70F3201Y, 70F3204, and 70F3204Y only.
2. Applies to the
µPD703201Y, 703204Y, 70F3201Y, and 70F3204Y only.
Remarks 1. PULL: On-chip pull-up resistor
2. Pins in brackets ([ ]) are only for the V850ES/SA3.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com