Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 90 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 90 Page - NEC

Back Button UPD70F3201 Datasheet HTML 86Page - NEC UPD70F3201 Datasheet HTML 87Page - NEC UPD70F3201 Datasheet HTML 88Page - NEC UPD70F3201 Datasheet HTML 89Page - NEC UPD70F3201 Datasheet HTML 90Page - NEC UPD70F3201 Datasheet HTML 91Page - NEC UPD70F3201 Datasheet HTML 92Page - NEC UPD70F3201 Datasheet HTML 93Page - NEC UPD70F3201 Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
90
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
I
2C Bus Mode (
µµµµPD703201Y, 703204Y, 70F3201Y, 70F3204Y only)
Stop
condition
Stop
condition
Start
condition
Restart
condition
SCL (I/O)
SDA (I/O)
<105>
<111>
<111>
<110>
<110>
<108>
<109>
<107>
<104>
<103>
<104>
<113>
<112>
<106>
A/D Converter
(TA = –40 to +85°C, VDD = AVDD = AVREF0 = 2.2 to 2.7 V, AVSS = VSS = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
10
10
10
bit
Overall error
Note 1
T.B.D.
%FSR
Conversion time
tCONV
T.B.D.
µs
Zero-scale error
Note 1
T.B.D.
%FSR
Full-scale error
Note 1
T.B.D.
%FSR
Integral linearity error
Note 2
T.B.D.
LSB
Differential linearity error
Note 2
T.B.D.
LSB
Analog reference voltage
AVREF
AVREF0 = AVDD
2.2
2.7
V
Analog input voltage
VIAN
AVSS
AVREF
V
AVREF0 current
AIREF0
T.B.D.
µA
AVDD power supply current
AIDD
T.B.D.
mA
Notes 1. Excluding quantization error (
±0.05 %FSR)
2. Excluding quantization error (
±0.5 LSB)
Remark LSB: Least Significant Bit
FSR: Full Scale Range


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com