Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 89 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 89 Page - NEC

Back Button UPD70F3201 Datasheet HTML 85Page - NEC UPD70F3201 Datasheet HTML 86Page - NEC UPD70F3201 Datasheet HTML 87Page - NEC UPD70F3201 Datasheet HTML 88Page - NEC UPD70F3201 Datasheet HTML 89Page - NEC UPD70F3201 Datasheet HTML 90Page - NEC UPD70F3201 Datasheet HTML 91Page - NEC UPD70F3201 Datasheet HTML 92Page - NEC UPD70F3201 Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
89
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
I
2C Bus Mode (
µµµµPD703201Y, 703204Y, 70F3201Y, 70F3204Y only)
(TA = –40 to +85°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS = VSSBU = 0 V)
Normal Mode
High-Speed Mode
Parameter
Symbol
MIN.
MAX.
MIN.
MAX.
Unit
SCL clock frequency
fCLK
0
100
0
400
kHz
Bus-free time (between
stop/start conditions)
tBUF
<103>
4.7
1.3
µs
Hold time
Note 1
tHD:STA
<104>
4.0
0.6
µs
SCL clock low-level width
tLOW
<105>
4.7
1.3
µs
SCL clock high-level width
tHIGH
<106>
4.0
0.6
µs
Setup time for start/restart
conditions
tSU:STA
<107>
4.7
0.6
µs
CBUS
compatible
master
5.0
–––
µs
Data hold
time
I
2C mode
tHD:DAT
<108>
0
Note 2
0
Note 2
0.9
Note 3
µs
Data setup time
tSU:DAT
<109>
250
100
Note 4
ns
SDA and SCL signal rise time
tR
<110>
1,000
20 + 0.1Cb
Note 5
300
ns
SDA and SCL signal fall time
tF
<111>
300
20 + 0.1Cb
Note 5
300
ns
Stop condition setup time
tSU:STO
<112>
4.0
0.6
µs
Pulse width with spike
suppressed by input filter
tSP
<113>
––
050
ns
Capacitance load of each bus
line
Cb
400
400
pF
Notes 1. At the start condition, the first clock pulse is generated after the hold time.
2. The system requires a minimum of 300 ns hold time internally for the SDA signal (at VIHmin.
. of SCL
signal) in order to occupy the undefined area at the falling edge of SCL.
3. If the system does not extend the SCL signal low hold time (tLOW), only the maximum data hold time (tHD:
DAT
) needs to be satisfied.
4. The high-speed-mode I
2C bus can be used in a normal-mode I2C bus system. In this case, set the high-
speed-mode I
2C bus so that it meets the following conditions.
• If the system does not extend the SCL signal's low state hold time:
tSU:DAT
≥ 250 ns
• If the system extends the SCL signal's low state hold time:
Transmit the following data bit to the SDA line prior to releasing the SCL line (tRmax. + tSU:DAT = 1,000
+ 250 = 1,250 ns: Normal mode I
2C bus specification).
5.
Cb: Total capacitance of one bus line (unit: pF)


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com