Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 88 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 88 Page - NEC

Back Button UPD70F3201 Datasheet HTML 84Page - NEC UPD70F3201 Datasheet HTML 85Page - NEC UPD70F3201 Datasheet HTML 86Page - NEC UPD70F3201 Datasheet HTML 87Page - NEC UPD70F3201 Datasheet HTML 88Page - NEC UPD70F3201 Datasheet HTML 89Page - NEC UPD70F3201 Datasheet HTML 90Page - NEC UPD70F3201 Datasheet HTML 91Page - NEC UPD70F3201 Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
88
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
CSI Timing
(1) Master mode
(TA = –40 to +85°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS = VSSBU = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
SCKn cycle time
tKCY1
<98>
Output
200
ns
SCKn high-/low-level width
tKH1,
tKL1
<99>
Output
tKCY1/2 – 10
ns
SIn setup time (to SCKn
↑)tSIK1
<100>
30
ns
SIn hold time (from SCKn
↑)tKSI1
<101>
30
ns
Delay time from SCKn
↓ to SOn output
tKSO1
<102>
30
ns
Remark n = 0 to 3 (V850ES/SA2), n = 0 to 4 (V850ES/SA3)
(2) Slave mode
(TA = –40 to +85°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS = VSSBU = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
SCKn cycle time
tKCY2
<98>
Output
200
ns
SCKn high-/low-level width
tKH2,
tKL2
<99>
Output
90
ns
SIn setup time (to SCKn
↑)tSIK2
<100>
50
ns
SIn hold time (from SCKn
↑)tKSI2
<101>
50
ns
Delay time from SCKn
↓ to SOn output
tKSO2
<102>
50
ns
Remark n = 0 to 3 (V850ES/SA2), n = 0 to 4 (V850ES/SA3)
<101>
<102>
<100>
<98>
<99>
Hi-Z
Hi-Z
<99>
Remark n = 0 to 3 (V850ES/SA2), n = 0 to 4 (V850ES/SA3)
SCKn (I/O)
SIn (input)
SOn (output)
Input data
Output data


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com