Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 81 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 81 Page - NEC

Back Button UPD70F3201 Datasheet HTML 77Page - NEC UPD70F3201 Datasheet HTML 78Page - NEC UPD70F3201 Datasheet HTML 79Page - NEC UPD70F3201 Datasheet HTML 80Page - NEC UPD70F3201 Datasheet HTML 81Page - NEC UPD70F3201 Datasheet HTML 82Page - NEC UPD70F3201 Datasheet HTML 83Page - NEC UPD70F3201 Datasheet HTML 84Page - NEC UPD70F3201 Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
81
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
(c) Write cycle (CLKOUT asynchronous): In separate bus mode
(TA = –40 to +85
°°°°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS = VSSBU = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Address setup time (to WRm
↓)tSAW
<72>
T – 15
ns
Address hold time (from WRm
↑)tHAW
<73>
0.5T – 10
ns
WRm low-level width
tWWRL
<74>
(0.5 + n) T – 10
ns
Data output time from WRm
tDOSDW
<75>
–5ns
Data setup time (to WRm
↑)tSOSDW
<76>
(0.5 + n) T – 10
ns
Data hold time (from WRm
↑)tHOSDW
<77>
0.5T – 10
ns
Data setup time (to address)
tSAOD
<78>
T – 25
ns
tSWRWT1
<79>
20
ns
WAIT setup time (to WRm
↓)
tSWRWT2
<80>
nT – 20
ns
tHWRWT1
<81>
0
ns
WAIT hold time (from WRm
↓)
tHWRWT2
<82>
nT
ns
tSAWT1
<83>
T – 20
ns
WAIT setup time (to address)
tSAWT2
<84>
(1 + n) T – 20
ns
tHAWT1
<85>
T
ns
WAIT hold time (from address)
tHAWT2
<86>
(1 + n) T
ns
Remarks 1.
m = 0, 1
2.
T = 1/fCPU (fCPU: CPU operation clock frequency)
3.
n: Number of wait clocks inserted in bus cycle
The sampling timing changes when a programmable wait is inserted.
4.
The values in the above specifications are the values for when clocks with a 1:1 duty ratio are input
from X1.
(d) Write cycle (CLKOUT synchronous): In separate bus mode
(TA = –40 to +85
°°°°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS = VSSBU = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
Delay time from CLKOUT
↑ to address, CS tDKSA
<87>
0
19
ns
Delay time from CLKOUT
↑ to data output
tDKSD
<88>
0
19
ns
Delay time from CLKOUT
↑↓ to WRm
tDKSW
<89>
0
19
ns
WAIT setup time (to CLKOUT
↑)tSWTK
<90>
15
ns
WAIT hold time (from CLKOUT
↑)tHKWT
<91>
5
ns
Remarks 1.
m = 0, 1
2.
The values in the above specifications are the values for when clocks with a 1:1 duty ratio are input
from X1.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com