Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 73 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 73 Page - NEC

Back Button UPD70F3201 Datasheet HTML 69Page - NEC UPD70F3201 Datasheet HTML 70Page - NEC UPD70F3201 Datasheet HTML 71Page - NEC UPD70F3201 Datasheet HTML 72Page - NEC UPD70F3201 Datasheet HTML 73Page - NEC UPD70F3201 Datasheet HTML 74Page - NEC UPD70F3201 Datasheet HTML 75Page - NEC UPD70F3201 Datasheet HTML 76Page - NEC UPD70F3201 Datasheet HTML 77Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
73
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
Clock Timing
(1) Operating conditions (TA = –40 to +85°C, VDD = AVDD = EVDD = VDDBU = 2.3 to 2.7 V, VSS = AVSS = EVSS =
VSSBU = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
X1 input cycle
58.8
ns
XT1 input cycle
tCYX
<1>
28.5
µs
X1 input high-level width
26.4
ns
XT1 input high-level width
tWXH
<2>
12.8
µs
X1 input low-level width
26.4
ns
XT1 input low-level width
tWXL
<3>
12.8
µs
X1 input rise time
tXR
<4>
0.5 (tCYX
tWXH – tWXL)
ns
X1 input fall time
tXF
<5>
0.5 (tCYX
tWXH – tWXL)
ns
CLKOUT output cycle
tCYK
<6>
58.8 ns
16
µs
CLKOUT high-level width
tWKH
<7>
0.5tCYK – 5ns
CLKOUT low-level width
tWKL
<8>
0.5tCYK – 5ns
CLKOUT rise time
tKR
<9>
5
ns
CLKOUT fall time
tKF
<10>
5
ns
Remark
Ensure that the duty for the X1 and XT1 input waveforms is between 45% and 55%.
(2) Operating conditions (TA = –40 to +85°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS =
VSSBU = 0 V, CL = 50 pF)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
X1 input cycle
T.B.D.
ns
XT1 input cycle
tCYX
<1>
T.B.D.
µs
X1 input high-level width
T.B.D.
ns
XT1 input high-level width
tWXH
<2>
T.B.D.
µs
X1 input low-level width
T.B.D.
ns
XT1 input low-level width
tWXL
<3>
T.B.D.
µs
X1 input rise time
tXR
<4>
T.B.D.
ns
X1 input fall time
tXF
<5>
T.B.D.
ns
CLKOUT output cycle
tCYK
<6>
T.B.D.
T.B.D.
CLKOUT high-level width
tWKH
<7>
T.B.D.
ns
CLKOUT low-level width
tWKL
<8>
T.B.D.
ns
CLKOUT rise time
tKR
<9>
T.B.D.
ns
CLKOUT fall time
tKF
<10>
T.B.D.
ns
Remark
Ensure that the duty for the X1 and XT1 input waveforms is between 45% and 55%.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com