Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 71 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 71 Page - NEC

Back Button UPD70F3201 Datasheet HTML 67Page - NEC UPD70F3201 Datasheet HTML 68Page - NEC UPD70F3201 Datasheet HTML 69Page - NEC UPD70F3201 Datasheet HTML 70Page - NEC UPD70F3201 Datasheet HTML 71Page - NEC UPD70F3201 Datasheet HTML 72Page - NEC UPD70F3201 Datasheet HTML 73Page - NEC UPD70F3201 Datasheet HTML 74Page - NEC UPD70F3201 Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
71
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
(2) In backup mode (TA = –40 to +85
°°°°C, VSS = AVSS = EVSS = VSSBU = VDD = AVDD = EVDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Data retention voltage
VDDDR2
Backup mode
1.6
2.7
V
Data retention current
IDDDR2
VDDBU = VDDDR2
T.B.D.
T.B.D.
µA
Backup supply voltage rise time
tRVD2
T.B.D.
µs
Backup supply voltage fall time
tFVD2
T.B.D.
µs
Mode setting time from RESET
↓ to
VDD
tHVD2
T.B.D.
ms
Mode release signal input time from
VDD
↑ to RESET↑
tDREL2
T.B.D.
ms
Caution Shifting to backup mode and restoring from backup mode must be performed at VDD = 2.3 V min.
(fCLK = 17 MHz) and VDD = 2.2 V min. (fCLK = 13.5 MHz), respectively.
Setting STOP mode
0 V
Note
tHVD1
0.8EVDD
0.2EVDD
VDD, EVDD, AVDD
VDDBU
RESET (input)
tFVD2
tHVD2
tDREL2
VDDDR2
tHVD2
Note Shifting to backup mode and restoring from backup mode must be performed at VDD = 2.3 V min. (fCLK = 17
MHz) and VDD = 2.2 V min. (fCLK = 13.5 MHz), respectively.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
32-Bit Single-Chip Microcontrollers
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com