Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 68 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 68 Page - NEC

Back Button UPD70F3201 Datasheet HTML 64Page - NEC UPD70F3201 Datasheet HTML 65Page - NEC UPD70F3201 Datasheet HTML 66Page - NEC UPD70F3201 Datasheet HTML 67Page - NEC UPD70F3201 Datasheet HTML 68Page - NEC UPD70F3201 Datasheet HTML 69Page - NEC UPD70F3201 Datasheet HTML 70Page - NEC UPD70F3201 Datasheet HTML 71Page - NEC UPD70F3201 Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
68
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
DC Characteristics
(TA = –40 to +85°C, VDD = AVDD = EVDD = VDDBU = 2.2 to 2.7 V, VSS = AVSS = EVSS = VSSBU = 0 V) (1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VIH1
Note 1
0.7EVDD
EVDD
V
VIH2
Note 2
T.B.D.
EVDD
V
VIH3
Note 3
0.7AVDD
AVDD
V
VIH4
X1
0.8VDD
VDD
V
Input voltage, high
VIH5
XT1, XT2
0.8VDDBU
VDDBU
V
VIL1
Note 1
EVSS
0.3EVDD
V
VIL2
Note 2
EVSS
T.B.D.
V
VIL3
Note 3
AVSS
0.3AVDD
V
VIL4
X1
VSS
0.2VDD
V
Input voltage, low
VIL5
XT1, XT2
VSSBU
0.2VDDBU
V
VOH1
Note 4
IOH = –1 mA
0.8EVDD
V
Output voltage, high
VOH2
Note 5
IOH = –3 mA
0.8EVDD
V
VOL1
Note 4 (Except pins
P40 and P42)
IOL = 1.6 mA
0.4
V
VOL2
P40, P42
IOL = 3 mA
0.4
V
Output voltage, low
VOL3
Note 5
IOL = 1.6 mA
0.4
V
Input leakage current, high
ILIH
VIN = VDD = EVDD = VDDBU
5
µA
Input leakage current, low
ILIL
VIN = 0 V
–5
µA
Output leakage current, high
ILOH
VO = VDD = EVDD = VDDBU
5
µA
Output leakage current, low
ILOL
VO = 0 V
–5
µA
Notes 1. P21, P31, P90, P91, P94 to P97, P99, P911, P914, PCD1 to PCD3, PCM0 to PCM5, PCS0 to PCS7,
PCT0 to PCT7, PDH0 to PDH7, PDL0 to PDL15 (and their alternate-function pins)
2. RESET, P00 to P05, P20, P22, P30, P32, P40 to P46, P92, P93, P98, P910, P912, P913, P915 (and
their alternate-function pins)
3. P70 to P715, P80, P81 (and their alternate-function pins)
4. P00 to P05, P20 to P22, P30 to P32, P40 to P46, PCD1 to PCD3, PCM4 to PCM5, PCS4 to PCS7,
PCT2, PCT3, PCT5, PCT7 (and their alternate-function pins)
5. P90 to P915, PCM0 to PCM3, PCS0 to PCS3, PCT0, PCT1, PCT4, PCT6, PDH0 to PDH7, PDL0 to
PDL15 (and their alternate-function pins)


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com