Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 64 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 64 Page - NEC

Back Button UPD70F3201 Datasheet HTML 60Page - NEC UPD70F3201 Datasheet HTML 61Page - NEC UPD70F3201 Datasheet HTML 62Page - NEC UPD70F3201 Datasheet HTML 63Page - NEC UPD70F3201 Datasheet HTML 64Page - NEC UPD70F3201 Datasheet HTML 65Page - NEC UPD70F3201 Datasheet HTML 66Page - NEC UPD70F3201 Datasheet HTML 67Page - NEC UPD70F3201 Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
64
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
20. ELECTRICAL SPECIFICATIONS (TARGET VALUES)
Absolute Maximum Ratings (TA = 25°C, VSS = 0 V)
Parameter
Symbol
Conditions
Ratings
Unit
VDD
–0.5 to +3.6
V
AVDD
–0.5 to +3.6
V
EVDD
–0.5 to +3.6
V
VDDBU
–0.5 to +3.6
V
AVSS
–0.5 to +0.5
V
EVSS
–0.5 to +0.5
V
Supply voltage
VSSBU
–0.5 to +0.5
V
Input voltage
VI
Other than X1, XT1, and port 7
–0.5 to EVDD + 0.3
Note
V
VK
X1, VDD = 2.2 to 2.7 V
–0.5 to VDD + 0.3
Note
V
Clock input voltage
VKT
XT1, VDDBU = 2.2 to 2.7 V
–0.5 to VDDBU + 0.3
Note
V
Analog input voltage
VIAN
Port 7
–0.5 to AVDD + 0.3
Note
V
Analog reference voltage
AVREF
AVREF0, AVREF1
–0.5 to AVDD + 0.3
Note
V
Per pin
4
mA
Output current, low
IOL
Total for all pins
100
mA
Per pin
–4
mA
Output current, high
IOH
Total for all pins
–100
mA
Output voltage
VO
VDD = 2.5 V ±0.2 V
–0.5 to VDD + 0.3 V
V
Normal operation mode
–40 to +85
°C
Operating ambient
temperature
TA
Flash programming mode
T.B.D.
°C
µPD703201, 703201Y, 703204, 703204Y
–65 to +150
°C
Storage temperature
Tstg
µPD70F3201, 70F3201Y, 70F3204,
70F3204Y
T.B.D.
°C
Note Be sure not to exceed the absolute maximum ratings (MAX. value) of each supply voltage.
Cautions
1. Do not directly connect the output (or I/O) pins of IC products to each other, or to VDD, VCC,
and GND. Open-drain pins or open-collector pins, however, can be directly connected to
each other. Direct connection of the output pins between an IC product and an external
circuit is possible, if the output pins can be set to the high-impedance state and the output
timing of the external circuit is designed to avoid output conflict.
2. Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
The ratings and conditions indicated for DC characteristics and AC characteristics represent
the quality assurance range during normal operation.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com