Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 62 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 62 Page - NEC

Back Button UPD70F3201 Datasheet HTML 58Page - NEC UPD70F3201 Datasheet HTML 59Page - NEC UPD70F3201 Datasheet HTML 60Page - NEC UPD70F3201 Datasheet HTML 61Page - NEC UPD70F3201 Datasheet HTML 62Page - NEC UPD70F3201 Datasheet HTML 63Page - NEC UPD70F3201 Datasheet HTML 64Page - NEC UPD70F3201 Datasheet HTML 65Page - NEC UPD70F3201 Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
62
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
(6/6)
Execution
Clock
Flags
Mnemonic
Operand
Opcode
Operation
ir
l
CY OV
S
Z SAT
SXB
reg1
00000000101RRRRR
GR[reg1]
←sign-extend
(GR[reg1] (7 : 0))
11
1
SXH
reg1
00000000111RRRRR
GR[reg1]
←sign-extend
(GR[reg1] (15 : 0))
11
1
TRAP
vector
00000 1111 11iiiii
0000000100000000
EIPC
←PC+4 (Restored PC)
EIPSW
←PSW
ECR.EICC
Interrupt Code
PSW.EP
←1
PSW.ID
←1
PC
←00000040H (when vector is 00H to
0FH)
00000050H
(when vector is 10H to
1FH)
33
3
TST
reg1,reg2
rrrrr 0010 11RRRRR
result
←GR[reg2] AND GR[reg1]
1
1
1
0
××
bit#3,disp16[reg1]
11bbb111110RRRRR
dddddddddddddddd
adr
←GR[reg1]+sign-extend(disp16)
Z flag
←Not (Load-memory-bit (adr,bit#3))
3
Note3
3
Note3
3
Note3
×
TST1
reg2, [reg1]
rrrrr 1111 11RRRRR
0000000011100110
adr
←GR[reg1]
Z flag
←Not (Load-memory-bit (adr,reg2))
3
Note3
3
Note3
3
Note3
×
XOR
reg1,reg2
rrrrr 0010 01RRRRR
GR[reg2]
←GR[reg2] XOR GR[reg1]
1
1
1
0
××
XORI
imm16,reg1,reg2
rrrrr 1101 01RRRRR
iiiiiiiiiiiiiiii
GR[reg2]
←GR[reg1] XOR zero-extend (imm16)
1
1
1
0
××
ZXB
reg1
00000000100RRRRR
GR[reg1]
←zero-extend (GR[reg1] (7 : 0))
1
1
1
ZXH
reg1
00000000110RRRRR
GR[reg1]
←zero-extend (GR[reg1] (15 : 0))
1
1
1
Notes 1.
dddddddd: Higher 8 bits of disp9.
2.
3 clocks if the final instruction includes the PSW write access.
3.
If there is no wait state (3 + the number of read access wait states).
4.
n is the total number of list X load registers. (According to the number of wait states. Also, if there are
no wait states, n is the number of list X registers.)
5.
RRRRR: Other than 00000.
6.
The lower halfword data only is valid.
7.
ddddddddddddddddddddd: The higher 21 bits of disp22.
8.
ddddddddddddddd: The higher 15 bits of disp16.
9.
According to the number of wait states (1 if there are no wait states).
10. b: Bit 0 of disp16.
11. According to the number of wait states (2 if there are no wait states).
12. In this instruction, for convenience of mnemonic description, the source register is made reg2, but the
reg1 field is used in the opcode. Therefore, the meaning of register specification in the mnemonic
description and in the opcode differs from other instructions.
r r r r r
= regID specification
RRRRR = reg2 specification
13. i i i i i : Lower 5 bits of imm9.
I I I I : Lower 4 bits of imm9.
14. sp/imm: Specified by bits 19 and 20 of the sub-opcode.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com