Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 44 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 44 Page - NEC

Back Button UPD70F3201 Datasheet HTML 40Page - NEC UPD70F3201 Datasheet HTML 41Page - NEC UPD70F3201 Datasheet HTML 42Page - NEC UPD70F3201 Datasheet HTML 43Page - NEC UPD70F3201 Datasheet HTML 44Page - NEC UPD70F3201 Datasheet HTML 45Page - NEC UPD70F3201 Datasheet HTML 46Page - NEC UPD70F3201 Datasheet HTML 47Page - NEC UPD70F3201 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
44
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
12.2 Asynchronous Serial Interface (UART0 and UART1)
The asynchronous serial interface (UART0 and UART1) has the following features.
Two modes
• Operation stop mode (used when serial transfers are not performed to enable a reduction in power
consumption)
• Asynchronous serial interface mode
Full-duplex transmission
2-pin configuration
• TXD0 and TXD1: Transmit data output pins
• RXD0 and RXD1: Receive data input pins
3 types of interrupt sources
• Receive error interrupt (INTSRE0 and INTSRE1)
• Receive end interrupt (INTSR0 and INTSR1)
• Transmit end interrupt (INTST0 and INTST1)
Character length: 7 bits/8 bits
Parity function: Odd, even, 0, none
Transmission stop bit: 1 bit/2 bits
On-chip baud rate generator
The following figure shows the configuration of the asynchronous serial interface (UART0 and UART1).
Parity
Framing
Overrun
Internal bus
Asynchronous serial interface
mode register n (ASIMn)
Receive
buffer (RXBn)
Receive
shift register
Reception control
parity check
Transmit
buffer (TXBn)
Transmit
shift register
Addition of transmission
control parity
BRGn
INTSREn
INTSRn
INTSTn
RXDn
TXDn
Remark n = 0, 1


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com