Electronic Components Datasheet Search |
|
UPD70F3201 Datasheet(PDF) 42 Page - NEC |
|
UPD70F3201 Datasheet(HTML) 42 Page - NEC |
42 / 98 page Preliminary Product Information U15436EJ1V0PM 42 µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y 12. SERIAL INTERFACE FUNCTION The V850ES/SA2 and V850ES/SA3 include the following three types of serial interfaces. Type V850ES/SA2 V850ES/SA3 3-wire serial I/O 4 channels (CSI0 to CSI3) 5 channels (CSI0 to CSI4) Asynchronous serial interface 2 channels (UART0, UART1) I 2C busNote 1 channel (I 2C)Note Note Available only in the µPD703201Y, 703204Y, 70F3201Y, and 70F3204Y. Some functions are used alternately as follows. • CSI0/I2C • CSI1/UART0 • CSI2 • UART1 • CSI3 • CSI4 (V850ES/SA3 only) 12.1 3-Wire Serial I/O (CSIn) Remark In this section, the value of n is as follows. n = 0 to 3 (V850ES/SA2) n = 0 to 4 (V850ES/SA3) The 3-wire serial I/O (CSIn) transfers data using following three lines. • SCKn (serial clock) • SOn (serial data output) • SIn (serial data input) The 3-wire serial I/O (CSIn) has the following features. Transfer data length: Fixed to 8 bits Transfer data MSB/LSB first can be switched Transfer clock can be selected from eight clocks (seven master clocks, one slave clock) Transmit/receive mode or receive-only mode can be specified On-chip 8-bit transmit buffer Transfer data transmit/receive timing with respect to the transfer clock can be changed |
Similar Part No. - UPD70F3201 |
|
Similar Description - UPD70F3201 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |