Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 32 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 32 Page - NEC

Back Button UPD70F3201 Datasheet HTML 28Page - NEC UPD70F3201 Datasheet HTML 29Page - NEC UPD70F3201 Datasheet HTML 30Page - NEC UPD70F3201 Datasheet HTML 31Page - NEC UPD70F3201 Datasheet HTML 32Page - NEC UPD70F3201 Datasheet HTML 33Page - NEC UPD70F3201 Datasheet HTML 34Page - NEC UPD70F3201 Datasheet HTML 35Page - NEC UPD70F3201 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
32
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
Table 6-1. Interrupt Source List (1/2)
Type
Classifi-
cation
Default
Priority
Name
Trigger
Genera-
ting Unit
Exception
Code
Handler
Address
Restored
PC
Interrupt
Control
Register
RESET pin input
Pin
Reset
Interrupt
RESET
WDT overflow
(WDTRES) WDT
0000H
00000000H
Undefined
NMI
NMI pin valid edge input
0010H
00000010H
nextPC
Non-
maskable
Interrupt
INTWDT
WDT overflow
WDT
0020H
00000020H
nextPC
TRAP0n
Note
TRAP instruction
004nH
Note
00000040H
nextPC
Software
exception
Exception
TRAP1n
Note
TRAP instruction
005nH
Note
00000050H
nextPC
Exception
trap
Exception
ILGOP/
DBG0
Illegal op code/
DBTRAP instruction
0060H
00000060H
nextPC
0
INTWDTM
Internal timer overflow
WDT
0080H
00000080H
nextPC
WDTIC
1
INTP0
INTP0 pin valid edge
input
Pin
0090H
00000090H
nextPC
PIC0
2INTP1
INTP1 pin valid edge
input
Pin
00A0H
000000A0H
nextPC
PIC1
3INTP2
INTP2 pin valid edge
input
Pin
00B0H
000000B0H
nextPC
PIC2
4INTP3
INTP3 pin valid edge
input
Pin
00C0H
000000C0H
nextPC
PIC3
5
INTP4
INTP4 pin valid edge
input
Pin
00D0H
000000D0H
nextPC
PIC4
6
INTP5
INTP5 pin valid edge
input
Pin
00E0H
000000E0H
nextPC
PIC5
7
INTP6
INTP6 pin valid edge
input
Pin
00F0H
000000F0H
nextPC
PIC6
8
INTRTC
RTC interrupt
RTC
0100H
00000100H
nextPC
RTCIC
9
INTCC00
CC00 capture trigger
input/match between
TM0 and CC00
TM0
0110H
00000110H
nextPC
CCIC00
10
INTCC01
CC01 capture trigger
input/match between
TM0 and CC01
TM0
0120H
00000120H
nextPC
CCIC01
11
INTOVF0
TM0 overflow
TM0
0130H
00000130H
nextPC
OVFIC0
12
INTCC10
CC10 capture trigger
input/match between
TM1 and CC10
TM1
0140H
00000140H
nextPC
CCIC10
13
INTCC11
CC11 capture trigger
input/match between
TM1 and CC11
TM1
0150H
00000150H
nextPC
CCIC11
14
INTOVF1
TM1 overflow
TM1
0160H
00000160H
nextPC
OVFIC1
15
INTTM2
Match between TM2 and
CR2/TM2 overflow
TM2
0170H
00000170H
nextPC
TMIC2
Maskable
Interrupt
16
INTTM3
Match between TM3 and
CR3/TM3 overflow
TM3
0180H
00000180H
nextPC
TMIC3
Note n: Value of 0 to FH


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com