Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 25 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 25 Page - NEC

Back Button UPD70F3201 Datasheet HTML 21Page - NEC UPD70F3201 Datasheet HTML 22Page - NEC UPD70F3201 Datasheet HTML 23Page - NEC UPD70F3201 Datasheet HTML 24Page - NEC UPD70F3201 Datasheet HTML 25Page - NEC UPD70F3201 Datasheet HTML 26Page - NEC UPD70F3201 Datasheet HTML 27Page - NEC UPD70F3201 Datasheet HTML 28Page - NEC UPD70F3201 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
25
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
3. CPU FUNCTIONS
The CPU of the V850ES/SA2 and V850ES/SA3 is based on RISC architecture and executes most instructions in a
1-clock cycle by using a 5-stage pipeline.
The features of the CPU are as follows.
Minimum instruction execution time: 59 ns (@ 17 MHz operation with main system clock (fXX))
74 ns (@ 13.5 MHz operation with main system clock (fXX))
Address space: 64 MB linear
• Memory block division function: 2 MB, 2 MB, 4 MB, 8 MB = Total four blocks
General-purpose registers: 32 bits
× 32
Internal 32-bit architecture
5-stage pipeline control
Multiplication/division instructions
Saturation operation instructions
1-clock 32-bit shift instruction
Load/store instructions with long/short format
Internal memory
• Mask ROM:
256 KB (
µPD703201, 703201Y, 703204, 703204Y)
Flash memory: 256 KB (
µPD70F3201, 70F3201Y, 70F3204, 70F3204Y)
• RAM: 16 KB
Four types of bit manipulation instructions
• SET1
• CLR1
• NOT1
• TST1


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com