Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3201 Datasheet(PDF) 23 Page - NEC

Part # UPD70F3201
Description  32-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3201 Datasheet(HTML) 23 Page - NEC

Back Button UPD70F3201 Datasheet HTML 19Page - NEC UPD70F3201 Datasheet HTML 20Page - NEC UPD70F3201 Datasheet HTML 21Page - NEC UPD70F3201 Datasheet HTML 22Page - NEC UPD70F3201 Datasheet HTML 23Page - NEC UPD70F3201 Datasheet HTML 24Page - NEC UPD70F3201 Datasheet HTML 25Page - NEC UPD70F3201 Datasheet HTML 26Page - NEC UPD70F3201 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
Preliminary Product Information U15436EJ1V0PM
23
µµµµPD703201, 703201Y, 703204, 703204Y, 70F3201, 70F3201Y, 70F3204, 70F3204Y
(8) Real-time counter (for watch)
This counter counts the reference time period (1 second) for watch counting by using the 32.768 kHz subclock
or the main clock. At the same time, the real-time counter can also be used as an interval timer that uses the
main clock as a source clock. This counter includes week, date, hour, minute, and second counters, and is
capable of counting up to 4,095 weeks.
(9) Watchdog timer
This timer detects inadvertent program loops, system abnormalities, etc.
It can also be used as an interval timer.
When used as a watchdog timer, it generates a non-maskable interrupt request (INTWDT) after an overflow
occurs.
When used as an interval timer, it generates a maskable interrupt request (INTWDTM) after an
overflow occurs.
(10) Serial interface (SIO)
The V850ES/SA2 and V850ES/SA3 incorporate three kinds of serial interfaces: asynchronous serial interfaces
(UART0 and UART1), clocked serial interfaces (V850E/SA2: CSI0 to CSI3, V850ES/SA3: CSI0 to CSI4), and
an I
2C bus interface (I2C). The V850ES/SA2 is capable of using up to 4 channels and the V850ES/SA3 is
capable of using up to 5 channels simultaneously. Among these channels, one channel can be switched
between UART and CSI, and other one channel can be switched between CSI and I
2C.
For UART0 and UART1, data is transferred via the TXDO, TXD1, RXD0, and RXD1 pins.
For CSI0 to CSI3, data is transferred via the SO0 to SO3, SI0 to SI3, and SCK0 to SCK3 pins.
For CSI4, data is transferred via the SO4, SI4, and SCK4 pins (V850ES/SA3 only).
For I
2C, data is transferred via the SDA and SCL pins.
I
2C is incorporated in the
µPD703201Y, 703204Y, 70F3201Y and 70F3204Y only.
UART includes an on-chip dedicated baud rate generator.
(11) A/D converter
This high-speed, high-resolution 10-bit A/D converter includes 12 analog input pins for the V850ES/SA2 and
16 for the V850ES/SA3. Conversion is performed using the successive approximation method.
(12) D/A converter
A two-channel 8-bit resolution D/A converter is incorporated. This D/A converter uses the R string method.
(13) DMA controller
A 4-channel DMA controller is incorporated. Data is transferred between internal RAM, on-chip peripheral I/O,
and external memory based on interrupt requests by the on-chip peripheral I/O.
(14) ROM correction
This is a function that replaces a part of the program in the mask ROM with a program in the internal RAM for
execution. Four points can be corrected.


Similar Part No. - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3209 NEC-UPD70F3209 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3201

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com