Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAF1005G Datasheet(PDF) 1 Page - TDK Electronics

Part # MAF1005G
Description  Noise suppression filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MAF1005G Datasheet(HTML) 1 Page - TDK Electronics

  MAF1005G Datasheet HTML 1Page - TDK Electronics MAF1005G Datasheet HTML 2Page - TDK Electronics MAF1005G Datasheet HTML 3Page - TDK Electronics MAF1005G Datasheet HTML 4Page - TDK Electronics MAF1005G Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20180827
(1/5)
suppression-filter_commercial_maf1005g_en.fm
EMC Components
Noise suppression filter
For audio lines (Cellular band suppression)
MAF series
MAF1005G type
FEATURES
A compact noise suppression component for audio lines that accommodates high currents.
Distortions are greatly reduced during insertion with the adoption of newly-developed low distortion ferrite materials.
Small reductions in volume due to its low resistance, and optimal for devices that require high sound quality as the generating of sound
distortions is controlled.
Shows excellent effects in measures against the deterioration of the receiving sensitivity of wireless devices due to high attenuation
characteristics in the cellular band.
Operating temperature range: –55 to +125°C
APPLICATION
Sound lines for devices such as smartphones and tablets (earphones, microphones, and speakers).
Sound lines for portable game machines.
Application guides: Smart phones/tablets
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
 Please refer to the graph of rated current vs. temperature characteristics (derating) about the rating current at 85°C or more in temperature of the product.
Measurement equipment
* Equivalent measurement equipment may be used.
Rated current vs. temperature characteristics (derating)
MAF
1005
G
AD
152
A
T
000
Series name
L×W×T dimensions
Characteristics
Internal
code
Impedance
Type
Packaging
style
Internal code
1.0×0.5x0.5 mm
(
) at 900MHz
Type
Impedance
DC resistance
Rated current
Part No.
[100MHz]
[900MHz]
[1.7GHz]
(
)Typ.
(
)Typ.
(
)Min.
(
)Typ.
(
)Typ.
(
)max.
(mA)max.
Wide-band
Low resistance
40
250
150
320
0.110
0.150
1250
MAF1005GAD251DT000
60
400
240
490
0.160
0.210
1000
MAF1005GAD401DT000
80
570
340
630
0.200
0.270
900
MAF1005GAD571DT000
105
700
450
750
0.270
0.351
800
MAF1005GAD701DT000
Wide-band
135
1000
650
750
0.420
0.550
450
MAF1005GAD102AT000
200
1500
1000
1200
0.550
0.700
400
MAF1005GAD152AT000
400
2600
1750
2000
1.000
1.200
300
MAF1005GAD262AT000
500
3500
2500
2400
1.300
1.650
270
MAF1005GAD352AT000
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Keysight Technologies
DC resistance
Type-7556
Yokogawa
0
–55 –35
–15
5
25
45
65
85
105
125
Temperature (°C)
200
400
600
1200
1000
800
1400
MAF1005GAD701D
MAF1005GAD251D
MAF1005GAD401D
MAF1005GAD571D
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MAF1005G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
   Noise suppression filter
More results

Similar Description - MAF1005G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
   Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
   Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
   Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
   Noise suppression filter
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
   Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
   Noise suppression filter
MHF1608 TDK-MHF1608 Datasheet
178Kb / 4P
   Noise suppression filter For MF / HF band noise suppression
VAF201610FA-1 TDK-VAF201610FA-1 Datasheet
209Kb / 4P
   Noise suppression filter For audio lines
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
   Noise suppression filter For home appliances
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com