Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEM1608D501RT001 Datasheet(PDF) 1 Page - TDK Electronics

Part # MEM1608D501RT001
Description  3-terminal filters High-speed signal line MEM-D series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MEM1608D501RT001 Datasheet(HTML) 1 Page - TDK Electronics

  MEM1608D501RT001 Datasheet HTML 1Page - TDK Electronics MEM1608D501RT001 Datasheet HTML 2Page - TDK Electronics MEM1608D501RT001 Datasheet HTML 3Page - TDK Electronics MEM1608D501RT001 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20190207
(1/4)
3tf_commercial_signal_mem1608d_en.fm
EMC Components
3-terminal filters
High-speed signal line
MEM-D series
MEM1608D type
FEATURES
Multilayer chip EMC filter with an L-type circuit.
Monolithic structure makes it highly reliable.
Closed magnetic circuit structure makes it possible to achieve high-density mounting without crosstalk.
Has sharp attenuation characteristics with excellent EMC suppression.
Covers a wide frequency.
MEM1608D is a coil type.
Low profile type with a height of 0.6mm.
Operating temperature range: –40 to +85°C
APPLICATION
PCs and peripheral devices, VTRs, TVs, printers, game machines, etc.
Application guides: Smart phones/tablets
PART NUMBER CONSTRUCTION
CHARACTERISTICS SPECIFICATION TABLE
Measurement equipment
* Equivalent measurement equipment may be used.
MEM
1608
D
201R
T
001
Series name
L×W×T dimensions
Product internal
code
Cutoff frequency
Packaging style
Internal code
1.6×0.8×0.6 mm
(MHz)
Cutoff frequency
(MHz)
Rated voltage
(V)max.
Rated current
(mA)max.
Part No.
200
6.3
200
MEM1608D201RT001
300
6.3
200
MEM1608D301RT001
400
6.3
200
MEM1608D401RT001
500
6.3
200
MEM1608D501RT001
Measurement item
Product No.
Manufacturer
Frequency characteristics
N5230C
Keysight Technologies
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - MEM1608D501RT001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM1608D501RT001 TDK-MEM1608D501RT001 Datasheet
167Kb / 3P
   3-terminal Filters
More results

Similar Description - MEM1608D501RT001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MEM1005PP TDK-MEM1005PP Datasheet
159Kb / 4P
   3-terminal filters Signal line MEM series
MEM1608D201R TDK-MEM1608D201R Datasheet
60Kb / 3P
   3-terminal Filters For high-speed signal line
MEA1608PH TDK-MEA1608PH Datasheet
161Kb / 4P
   3-terminal filters, SMD array High-speed signal line
MEM2012SC TDK-MEM2012SC Datasheet
165Kb / 4P
   3-terminal filters Signal line
MEM2012S TDK-MEM2012S Datasheet
161Kb / 4P
   3-terminal filters Signal line
MEM2012V TDK-MEM2012V Datasheet
175Kb / 4P
   3-terminal filters Signal line
MEM2012F TDK-MEM2012F Datasheet
166Kb / 4P
   3-terminal filters Signal line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
MEM2012T50R0 TDK-MEM2012T50R0 Datasheet
42Kb / 2P
   3-terminal Filters(SMD) For Signal Line
MEM2012T-S1 TDK-MEM2012T-S1 Datasheet
39Kb / 2P
   3-terminal Filters(SMD) For Signal Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com