Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9CRV0412P5J201 Datasheet(PDF) 1 Page - SANYO DENKI CO., LTD.

Part # 9CRV0412P5J201
Description  Counter Rotating Fan San Ace 40 9CRV type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9CRV0412P5J201 Datasheet(HTML) 1 Page - SANYO DENKI CO., LTD.

  9CRV0412P5J201 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9CRV0412P5J201 Datasheet HTML 2Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
227
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
DC12 V
0.1
0
0.2 0.3
0.6
0.4 0.5
0.7 0.8
100
200
300
400
0.9 1.0
700
600
500
800
1000
0
0.5
1.0
1.5
3.0
2.5
2.0
3.5
4.0
4.5
900
1100
5
0
10 15 20 25 30 35
PWMデューティ
100%
50%
0%
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
PWMデューティ100%
0.1
0
0.2 0.3
0.6
0.4 0.5
0.7 0.8
100
200
300
400
0.9 1.0
700
600
500
800
1000
900
0
0.5
1.0
1.5
3.0
2.5
2.0
3.5
4.0
4.5 1100
5
0
10 15 20 25 30 35
10.8 V
12 V/13.2 V
(min-1)
PWM デューティサイクル
0
(%)
100
電圧:DC12 V
PWM周波数:25 kHz
22500 min-1
22000 min-1
吐出側
吸込側
3800 min-1
3500 min-1
5000
20000
15000
10000
25000
CATALOG No. C1097B001 '20.1.IT
Airflow
Airflow
PWM duty cycle 100%
PWM duty cycle
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
Inlet
Outlet
12 VDC
PWM duty cycle
Operating voltage range
PWM duty - Speed characteristics example
Airflow - Static Pressure Characteristics / PWM Duty - Speed Characteristics Example
9CRV0412P5J201 With pulse sensor with PWM control function
Counter Rotating Fan
40×40×56 mm
San Ace 40 9CRV type
General Specifications
· Material …………………………………… Frame: Plastic (Flammability: UL 94V-0), Impeller: Plastic (Flammability: UL 94V-0)
· Expected life ……………………………… See the table below. (L10 life: 90% survival rate for continuous operation in free air at 60˚C, rated voltage)
Expected life at 40°C is for reference only.
· Motor protection function……………… Locked rotor burnout protection, Reverse polarity protection
For details, please refer to p. 573.
· Dielectric strength ……………………… 50/60 Hz, 500 VAC, for 1 minute (between lead wire conductors and frame)
· Insulation resistance …………………… 10 MΩ or more with a 500 VDC megger (between lead wire conductors and frame)
· Sound pressure level (SPL) …………… At 1 m away from the air inlet
· Storage temperature …………………… -30 to +70˚C (Non-condensing)
· Lead wire ………………………………… Inlet Red Black Sensor Yellow Control Brown
Outlet
Orange
Gray Sensor Purple Control White
· Mass ……………………………………… 100 g
Specifications
The models listed below have pulse sensors with PWM control function.
Model no.
Rated voltage Operating voltage range
PWM duty
cycle* [%]
Rated current Rated input
Rated speed
Max. airflow
Max. static pressure
SPL
Operating temperature
Expected life
[V]
[V]
[A]
[W]
[min-1]
[m3/min]
[CFM]
[Pa]
[inchH2O]
[dB (A)]
[˚C]
[h]
Inlet
Outlet
9CRV0412P5J201
12
10.8 to 13.2
100
1.8
21.6
22500 20000 0.9
31.8
1050
4.22
68
-20 to +70
40000/60˚C
(70000/40˚C)
0
0.11
1.32
3800 3500
0.14
4.9
30
0.12
26
* PWM input frequency is 25 kHz; models without specifications at 0% PWM duty cycle have zero fan speed at 0%.
The
mark indicates Short LeadTime Service applicable models. See p. 626 for details.


Similar Part No. - 9CRV0412P5J201

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CR0612P5H03 SANYODENKI-9CR0612P5H03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CR1212P0G03 SANYODENKI-9CR1212P0G03 Datasheet
207Kb / 2P
   Counter Rotating Fan San Ace 120 9CR type
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
   Counter Rotating Fan San Ace 172 9CR type
logo
List of Unclassifed Man...
9CRA0312P4J03 ETC2-9CRA0312P4J03 Datasheet
121Kb / 2P
   Counter Roating Fan San Ace 38
More results

Similar Description - 9CRV0412P5J201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
   Counter Rotating Fan San Ace 40
9CRB0412P5S201 ETC2-9CRB0412P5S201 Datasheet
137Kb / 2P
   Counter Rotating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
   Counter Rotating Fan San Ace 40 9CRD type
9CRJ0412P5J001 SANYODENKI-9CRJ0412P5J001 Datasheet
512Kb / 2P
   San Ace 40 9CRJ type Counter Rotating Fan
9CRA0412P4K03 SANYODENKI-9CRA0412P4K03 Datasheet
263Kb / 3P
   Counter Rotating Fan San Ace 40 9CRA type
9CRH0412P5J001 SANYODENKI-9CRH0412P5J001 Datasheet
184Kb / 2P
   Counter Rotating Fan San Ace 40 9CRH type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
   Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
   Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
   Counter Rotating Fan San Ace 80 9CRB type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com