Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9CRJ0412P5J001 Datasheet(PDF) 1 Page - SANYO DENKI CO., LTD.

Part # 9CRJ0412P5J001
Description  San Ace 40 9CRJ type Counter Rotating Fan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9CRJ0412P5J001 Datasheet(HTML) 1 Page - SANYO DENKI CO., LTD.

  9CRJ0412P5J001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9CRJ0412P5J001 Datasheet HTML 2Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PWM Duty -
Speed Characteristics Example
Airflow - Static Pressure Characteristics
5000
36200 min-1
10000
15000
20000
25000
30000
35000
40000
32000 min-1
0
0.2
0.4
0.6
0.8
1500
10
20
30
0
0
10
1.0
1.2
1000
500
2000
2500
40
10
20
30
0
40
8
6
4
2
0
0.2
0.4
0.6
0.8
1500
0
10
1.0
1.2
1000
500
2000
2500
8
6
4
2
・ PWM duty cycle
・ Operating voltage range
Airflow
(inch H2O)
Airflow
(CFM)
(m
3/min)
(Pa)
(inch H2O)
12 VDC
PWM duty cycle 100%
60%
20%
PWM duty cycle
100%
12 V/12.6 V
10.8 V
(Pa)
(CFM)
(m
3/min)
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
(min
-1)
Inlet
Outlet
(%)
0
100
Counter Rotating Fan
9CRJ type
40×40× 56 mm
Specifications
The models listed below have pulse sensors with PWM control function.
Model no.
Rated voltage
[V]
Operating
voltage range
[V]
PWM
duty cycle*
[%]
Rated current
[A]
Rated input
[W]
Rated speed
[min-1]
Inlet
Outlet
Max. airflow
[m3/min] [CFM]
Max. static pressure
[Pa] [inchH2O]
SPL
[dB(A)]
Operating
temperature
[°C]
Expected life
[h]
9CRJ0412P5J001
12
10.8 to 12.6
100
3.1
37.2
36200
32000
1.06
37.4 2400
9.64
72
-20 to +70 30000/60°C
(53000/40°C)
20
0.1
1.2
4500
4000
0.11
3.9
40
0.16
28
* PWM input frequency is 25 kHz; models without specifications at 0% PWM duty cycle have zero fan speed at 0%.
Models with the following sensor specifications are also available as options:
Common Specifications
□ Material
Frame: Plastic (Flammability: UL 94V-0), Impeller: Plastic (Flammability: UL 94V-0)
□ Expected life
Refer to specifications
(L10 life: 90% survival rate for continuous operation in free air at 60˚C, rated voltage)
Expected life at 40°C is for reference only.
□ Motor protection function
Locked rotor burnout protection, Reverse polarity protection
□ Dielectric strength
50/60 Hz, 500 VAC, for 1 minute (between lead wire conductors and frame)
□ Insulation resistance
10 MΩ or more with a 500 VDC megger (between lead wire conductors and frame)
□ Sound pressure level (SPL)
At 1 m away from the air inlet
□ Operating temperature
Refer to specifications (Non-condensing)
□ Storage temperature
-30 to +70°C (Non-condensing)
□ Lead wire
Inlet + Red − Black Sensor Yellow Control Brown
Outlet + Orange − Gray Sensor Purple Control White
□ Mass
110 g
Features
High Static Pressure and High Airflow
This fan delivers a maximum static pressure of 2400 Pa and a maximum airflow
of 1.06 m3/min.
Compared with our current model,* the maximum static pressure has increased
by 1.4 times and the maximum airflow has increased by 1.1 times.
This fan can efficiently cool high-density equipment that is hard to ventilate,
contributing to system downsizing.
Energy Saving
Power consumption has been reduced by approximately 20% compared with
the current model.*
The PWM control function enables the control of fan speed, contributing to
energy saving.
* San Ace 40 9CRH type 40 × 40 × 56 mm Counter Rotating Fan (model: 9CRH0412P5J001).


Similar Part No. - 9CRJ0412P5J001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
Counter Rotating Fan San Ace 60 9CR type
9CR0612P5H03 SANYODENKI-9CR0612P5H03 Datasheet
205Kb / 2P
Counter Rotating Fan San Ace 60 9CR type
9CR1212P0G03 SANYODENKI-9CR1212P0G03 Datasheet
207Kb / 2P
Counter Rotating Fan San Ace 120 9CR type
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
Counter Rotating Fan San Ace 172 9CR type
logo
List of Unclassifed Man...
9CRA0312P4J03 ETC2-9CRA0312P4J03 Datasheet
121Kb / 2P
Counter Roating Fan San Ace 38
More results

Similar Description - 9CRJ0412P5J001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
Counter Rotating Fan San Ace 40
9CRB0412P5S201 ETC2-9CRB0412P5S201 Datasheet
137Kb / 2P
Counter Rotating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
Counter Rotating Fan San Ace 40 9CRD type
9CRV0412P5J201 SANYODENKI-9CRV0412P5J201 Datasheet
164Kb / 2P
Counter Rotating Fan San Ace 40 9CRV type
9CRA0412P4K03 SANYODENKI-9CRA0412P4K03 Datasheet
263Kb / 3P
Counter Rotating Fan San Ace 40 9CRA type
9CRH0412P5J001 SANYODENKI-9CRH0412P5J001 Datasheet
184Kb / 2P
Counter Rotating Fan San Ace 40 9CRH type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
Counter Rotating Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
Counter Rotating Fan San Ace 80 9CRB type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com