Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9CRJ0412P5J001 Datasheet(PDF) 2 Page - SANYO DENKI CO., LTD.

Part # 9CRJ0412P5J001
Description  San Ace 40 9CRJ type Counter Rotating Fan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9CRJ0412P5J001 Datasheet(HTML) 2 Page - SANYO DENKI CO., LTD.

  9CRJ0412P5J001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9CRJ0412P5J001 Datasheet HTML 2Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CATALOG No. C1109B002 ‘20.10
3-33-1 Minami-Otsuka, Toshima-ku, Tokyo 170-8451, Japan TEL: +81 3 5927 1020
https://www.sanyodenki.com
The names of companies and/or their products specified in this catalog are the trade names, and/or trademarks and/or registered trademarks of such respective companies.
“San Ace” is a trademark of SANYO DENKI CO.,LTD.
Specifications are subject to change without notice.
Notice
●Please read the "Safety Precautions" on our website before using the product.
●The products shown in this catalog are subject to Japanese Export Control Law. Diversion contrary to the law of exporting country is prohibited.
●For protecting fan bearings against electrolytic corrosion near strong electromagnetic noise sources,
 we provide effective countermeasures such as Electrolytic Corrosion Proof Fans and EMC guards. Contact us for details.
Reference Dimensions of Mounting Holes and Vent Opening (unit: mm)
Output circuit: Open collector
T0
T1
0 V
VOL
VOH
T2
T3
T4
○ -
○ +
Specifications for Pulse Sensors
PWM Input Signal Example
Input signal waveform
T
T1
VIL
VIH
Example of Connection Schematic
T
×100
T1
T
1
VIH = 2.8 to 5.25 V VIL = 0 to 0.4 V
PWM duty cycle (%) =
PWM frequency 25 (kHz) =
Current source (Isource) = 2 mA max. (when control voltage is 0 V)
Current sink (Isink) = 2 mA max. (when control voltage is 5.25 V)
Control terminal voltage = 5.25 V max. (when control terminal is open)
When the control terminal is open,
fan speed is the same as when PWM duty cycle is 100%.
Either TTL input, open collector or open drain can be used for PWM control input signal.
Inside of DC fan
PWM input signal
Control
DC fan input voltage
Inside of DC fan
Ic
Sensor output
(VCE)
Sensor Pull-up resistor
Pull-up voltage
VCE = +12.6 V max.
Ic=5 mA max. [VOL=VCE (SAT)=0.6 V max.]
(One revolution)
In case of steady running
Output waveform (Need pull-up resistor)
T1 to 4≒ (1/4) T0
T1 to 4≒ (1/4) T0=60/4N (s)
N=Fan speed (min
-1)
Inlet side, Outlet side
Inlet side
Outlet side
Isource
Isink
10 k
22
3 V
4-ø3.7
32±0.3
(17.6)
39
Dimensions (unit: mm)
Airflow direction
Rotating direction
Mounting hole
Mounting hole
Rotating direction
Lead wire
AWG 26
UL 10368
+30
320 0
(10)
+30
320 0
(10)
56±0.5
(5)
(5)
40±0.3
32±0.3
4-ø3.5±0.3
4-ø3.5±0.3


Similar Part No. - 9CRJ0412P5J001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
Counter Rotating Fan San Ace 60 9CR type
9CR0612P5H03 SANYODENKI-9CR0612P5H03 Datasheet
205Kb / 2P
Counter Rotating Fan San Ace 60 9CR type
9CR1212P0G03 SANYODENKI-9CR1212P0G03 Datasheet
207Kb / 2P
Counter Rotating Fan San Ace 120 9CR type
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
Counter Rotating Fan San Ace 172 9CR type
logo
List of Unclassifed Man...
9CRA0312P4J03 ETC2-9CRA0312P4J03 Datasheet
121Kb / 2P
Counter Roating Fan San Ace 38
More results

Similar Description - 9CRJ0412P5J001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
Counter Rotating Fan San Ace 40
9CRB0412P5S201 ETC2-9CRB0412P5S201 Datasheet
137Kb / 2P
Counter Rotating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
Counter Rotating Fan San Ace 40 9CRD type
9CRV0412P5J201 SANYODENKI-9CRV0412P5J201 Datasheet
164Kb / 2P
Counter Rotating Fan San Ace 40 9CRV type
9CRA0412P4K03 SANYODENKI-9CRA0412P4K03 Datasheet
263Kb / 3P
Counter Rotating Fan San Ace 40 9CRA type
9CRH0412P5J001 SANYODENKI-9CRH0412P5J001 Datasheet
184Kb / 2P
Counter Rotating Fan San Ace 40 9CRH type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
Counter Rotating Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9CR0612P5G03 SANYODENKI-9CR0612P5G03 Datasheet
205Kb / 2P
Counter Rotating Fan San Ace 60 9CR type
9CRE0612P0G001 SANYODENKI-9CRE0612P0G001 Datasheet
160Kb / 2P
Counter Rotating Fan San Ace 60 9CRE type
9CRB0812P8G001 SANYODENKI-9CRB0812P8G001 Datasheet
220Kb / 2P
Counter Rotating Fan San Ace 80 9CRB type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com