Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9CRA0412P4K03 Datasheet(PDF) 2 Page - SANYO DENKI CO., LTD.

Part # 9CRA0412P4K03
Description  Counter Rotating Fan San Ace 40 9CRA type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9CRA0412P4K03 Datasheet(HTML) 2 Page - SANYO DENKI CO., LTD.

  9CRA0412P4K03 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9CRA0412P4K03 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9CRA0412P4K03 Datasheet HTML 3Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
223
リード線
AWG28
UL 1007
(10)
(5)
(5)
+30
320 0
+30
320 0
(10)
4-
ø3.5±0.3
48
±0.5
40
±0.5
32
±0.3
風吹出方向
回転方向
回転方向
取付用穴
4-
ø3.5±0.3
取付用穴
(Pa)
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
風量
風量
DC12 V
PWMデューティ100%
500
300
400
200
100
800
600
700
0
3.0
2.5
2.0
1.5
1.0
0.5
(CFM)
(m3/min)
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
15
5
0
10
20 25 30 35
0
3.0
2.5
2.0
1.5
1.0
0.5
15
5
0
10
20 25 30 35
500
300
400
200
100
800
600
700
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
PWMデューティ
100%
50%
0%
13.2 V
12 V
10.8 V
(Pa)
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
風量
風量
DC12 V
PWMデューティ100%
500
300
400
200
100
800
600
700
0
3.0
2.5
2.0
1.5
1.0
0.5
(CFM)
(m3/min)
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
15
5
0
10
20 25 30 35
0
3.0
2.5
2.0
1.5
1.0
0.5
15
5
0
10
20 25 30 35
500
300
400
200
100
800
600
700
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
PWMデューティ
100%
50%
0%
13.2 V
12 V
10.8 V
(Pa)
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
風量
風量
DC12 V
PWMデューティ100%
500
300
400
200
100
800
600
700
0
3.0
2.5
2.0
1.5
1.0
0.5
(CFM)
(m3/min)
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
15
5
0
10
20 25 30 35
0
3.0
2.5
2.0
1.5
1.0
0.5
15
5
0
10
20 25 30 35
500
300
400
200
100
800
600
700
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
PWMデューティ
100%
50%
0%
13.2 V
12 V
10.8 V
(Pa)
(inch H2O)
(Pa)
(inch H2O)
(CFM)
(m3/min)
風量
風量
DC12 V
PWMデューティ100%
500
300
400
200
100
800
600
700
0
3.0
2.5
2.0
1.5
1.0
0.5
(CFM)
(m3/min)
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
15
5
0
10
20 25 30 35
0
3.0
2.5
2.0
1.5
1.0
0.5
15
5
0
10
20 25 30 35
500
300
400
200
100
800
600
700
0 0.1
0.3
0.2
0.4 0.5 0.6 0.7 0.8 0.9 1.0
PWMデューティ
100%
50%
0%
13.2 V
12 V
10.8 V
5000
20000
15000
10000
電圧:DC12 V
PWM周波数:25 kHz
(min-1)
PWM デューティサイクル
0
(%)
100
4500 min-1
3000 min-1
16200 min-1
10800 min-1
吐出側
吸込側
5000
20000
15000
10000
電圧:DC12 V
PWM周波数:25 kHz
(min-1)
PWM デューティサイクル
0
(%)
100
4410 min-1
2940 min-1
14700 min-1
9800 min-1
吐出側
吸込側
CATALOG No. C1097B001 '20.1.IT
Rotating direction
Airflow direction
Rotating direction
Lead wire
Inlet side
Outlet side
Mounting hole
Mounting hole
Airflow
Airflow
Airflow
Airflow
PWM duty cycle
PWM duty cycle
PWM duty cycle 100%
PWM duty cycle 100%
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
Inlet
Outlet
PWM duty cycle
Voltage: 12 VDC
PWM frequency: 25 kHz
Inlet
Outlet
12 VDC
12 VDC
PWM duty cycle
Operating voltage range
PWM duty - Speed characteristics example
Airflow - Static Pressure Characteristics / PWM Duty - Speed Characteristics Example
9CRA0412P4J03 With pulse sensor with PWM control function
9CRA0412P4G03 With pulse sensor with PWM control function
PWM duty cycle
Operating voltage range
PWM duty - Speed characteristics example
Dimensions (unit: mm)
Counter Rotating Fan
40×40×48 mm
San Ace 40 9CRA type
General Specifications
· Material …………………………………… Frame: Plastic (Flammability: UL 94V-0), Impeller: Plastic (Flammability: UL 94V-1)
· Expected life ……………………………… See the table below. (L10 life: 90% survival rate for continuous operation in free air at 60˚C, rated voltage)
Expected life at 40°C is for reference only.
· Motor protection function……………… Locked rotor burnout protection, Reverse polarity protection
For details, please refer to p. 573.
· Dielectric strength ……………………… 50/60 Hz, 500 VAC, for 1 minute (between lead wire conductors and frame)
· Insulation resistance …………………… 10 MΩ or more with a 500 VDC megger (between lead wire conductors and frame)
· Sound pressure level (SPL) …………… At 1 m away from the air inlet
· Storage temperature …………………… -30 to +70˚C (Non-condensing)
· Lead wire ………………………………… Inlet Red Black Sensor Yellow Control Brown
Outlet
Orange
Gray Sensor Purple Control White
· Mass ……………………………………… 80 g
Specifications
The models listed below have pulse sensors with PWM control function.
Model no.
Rated voltage Operating voltage range
PWM duty
cycle* [%]
Rated current Rated input
Rated speed
Max. airflow
Max. static pressure
SPL
Operating temperature
Expected life
[V]
[V]
[A]
[W]
[min-1]
[m3/min]
[CFM]
[Pa]
[inchH2O]
[dB (A)]
[˚C]
[h]
Inlet
Outlet
9CRA0412P4K03
12
10.8 to 13.2
100
1.6
19.2
17500 11700 0.92
32.5
650.0
2.61
64
-20 to +70
40000/60˚C
(70000/40˚C)
0
0.19
2.28
5250 3510 0.276
9.75
58.5
0.235
33
9CRA0412P4J03
100
1.2
14.4
16200 10800 0.85
30.0
560.0
2.25
62
0
0.15
1.8
4500 3000 0.236
8.33
43.2
0.173
28
9CRA0412P4G03
100
1.0
12.0
14700 9800 0.77
27.2
460.0
1.85
59
0
0.15
1.8
4410 2940 0.231
8.16
41.4
0.166
28
* PWM input frequency is 25 kHz; models without specifications at 0% PWM duty cycle have zero fan speed at 0%.
The following sensor and control options are available for selection.
Available for all models. Without sensor
Differs according to the model. Refer to the table on p. 599. Pulse sensor


Similar Part No. - 9CRA0412P4K03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9CRA0412G501 ETC2-9CRA0412G501 Datasheet
106Kb / 2P
   Counter Roating Fan San Ace 40
9CRA0412J501 ETC2-9CRA0412J501 Datasheet
106Kb / 2P
   Counter Roating Fan San Ace 40
9CRA0412K501 ETC2-9CRA0412K501 Datasheet
106Kb / 2P
   Counter Roating Fan San Ace 40
More results

Similar Description - 9CRA0412P4K03

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9CRA0312P4K03 SANYODENKI-9CRA0312P4K03 Datasheet
189Kb / 2P
   Counter Rotating Fan San Ace 38 9CRA type
9CRA0612P0G001 SANYODENKI-9CRA0612P0G001 Datasheet
171Kb / 2P
   Counter Rotating Fan San Ace 60 9CRA type
9CRA0912P0G001 SANYODENKI-9CRA0912P0G001 Datasheet
285Kb / 2P
   Counter Rotating Fan San Ace 92 9CRA type
logo
List of Unclassifed Man...
9CRE0412P5J03 ETC2-9CRE0412P5J03 Datasheet
111Kb / 2P
   Counter Rotating Fan San Ace 40
9CRB0412P5S201 ETC2-9CRB0412P5S201 Datasheet
137Kb / 2P
   Counter Rotating Fan San Ace 40
logo
SANYO DENKI CO., LTD.
9CRD0412P5J03 SANYODENKI-9CRD0412P5J03 Datasheet
231Kb / 3P
   Counter Rotating Fan San Ace 40 9CRD type
9CRJ0412P5J001 SANYODENKI-9CRJ0412P5J001 Datasheet
512Kb / 2P
   San Ace 40 9CRJ type Counter Rotating Fan
9CRV0412P5J201 SANYODENKI-9CRV0412P5J201 Datasheet
164Kb / 2P
   Counter Rotating Fan San Ace 40 9CRV type
9CRH0412P5J001 SANYODENKI-9CRH0412P5J001 Datasheet
184Kb / 2P
   Counter Rotating Fan San Ace 40 9CRH type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com