Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109E4712L401 Datasheet(PDF) 1 Page - SANYO DENKI CO., LTD.

Part # 109E4712L401
Description  San Ace 172 9E type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

109E4712L401 Datasheet(HTML) 1 Page - SANYO DENKI CO., LTD.

  109E4712L401 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 109E4712L401 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 109E4712L401 Datasheet HTML 3Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
198
(Pa)
(inch H2O)
1 2 3 4 5 6 7 8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
200
150
100
50
0
0
50 100 150 200 250 300 (CFM)
(m3/min)
27.6 V
20.4 V
24 V
風量
(Pa)
(inch H2O)
1
2
3
4
5
6
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
100
90
80
70
60
50
40
30
20
10
0
0
50
100 150 200 (CFM)
(m3/min)
13.8 V
12 V
10.2 V
風量
(Pa)
(inch H2O)
1
2
3
4
5
6
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
120
110
100
90
80
70
60
50
40
30
20
10
0
0
50
100 150 200 (CFM)
(m3/min)
13.8 V
12 V
10.2 V
風量
CATALOG No. C1097B001 '20.1.IT
Operating voltage range
Operating voltage range
Operating voltage range
Airflow - Static Pressure Characteristics
109E4712M401 With pulse sensor
109E4712L401 With pulse sensor
109E4724H401 With pulse sensor
Airflow
Airflow
Airflow
DC Fan
ø172×147×25mm
San Ace 172 9E type
Sidecut type
General Specifications
· Material …………………………………… Frame: Aluminum, Impeller: Plastic (Flammability: UL 94V-1)
· Expected life ……………………………… See the table below. (L10 life: 90% survival rate for continuous operation in free air at 60˚C, rated voltage)
Expected life at 40°C is for reference only.
· Motor protection function……………… Locked rotor burnout protection, Reverse polarity protection
For details, please refer to p. 573.
· Dielectric strength ……………………… 50/60 Hz, 500 VAC, for 1 minute (between lead wire conductors and frame)
· Insulation resistance …………………… 10 MΩ or more with a 500 VDC megger (between lead wire conductors and frame)
· Sound pressure level (SPL) …………… At 1 m away from the air inlet
· Storage temperature …………………… -30 to +70˚C (Non-condensing)
· Lead wire ………………………………… Red Black or Blue Sensor Yellow
· Mass ……………………………………… 500 g
Specifications
The models listed below have pulse sensors.
Model no.
Rated voltage Operating voltage range
Rated current
Rated input
Rated speed
Max. airflow
Max. static pressure
SPL
Operating temperature
Expected life
[V]
[V]
[A]
[W]
[min-1]
[m3/min]
[CFM]
[Pa]
[inchH2O]
[dB (A)]
[˚C]
[h]
109E4712M401
12
10.2 to 13.8
1.3
15.6
2800
5.2
183
92
0.369
51
-20 to +60
40000/60˚C
(70000/40˚C)
109E4712L401
1.0
12.0
2500
4.6
162
73
0.293
48
109E4724H401
24
20.4 to 27.6
1.0
24.0
3400
6.4
226
135
0.542
57
109E4724F401
0.79
19.0
3100
5.8
204
112
0.45
54
109E4724M401
0.58
13.9
2800
5.2
183
92
0.369
51
109E4724L401
0.44
10.6
2500
4.6
162
73
0.293
48
109E4748S401
48
40.8 to 55.2
0.62
29.8
3650
6.8
240
156
0.627
58
109E4748H401
0.52
25.0
3400
6.4
226
135
0.542
57
109E4748F401
0.4
19.2
3100
5.8
204
112
0.45
54
109E4748M401
0.32
15.4
2800
5.2
183
92
0.369
51
109E4748L401
0.25
12.0
2500
4.6
162
73
0.293
48
The following sensor and control options are available for selection.
Available for all models. Without sensor
Lock sensor
Differs according to the model. Refer to the table on p. 594. PWM control


Similar Part No. - 109E4712L401

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109E HAMMOND-109E Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
109E HAMMOND-109E Datasheet
343Kb / 2P
MINIATURE EPOXY POTTED AUDIO TRANSFORMER
logo
SANYO DENKI CO., LTD.
109E1312A101 SANYODENKI-109E1312A101 Datasheet
170Kb / 3P
San Ace 127 9E type
109E1312S101 SANYODENKI-109E1312S101 Datasheet
170Kb / 3P
San Ace 127 9E type
109E1324A101 SANYODENKI-109E1324A101 Datasheet
170Kb / 3P
San Ace 127 9E type
More results

Similar Description - 109E4712L401

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
109E1712K501 SANYODENKI-109E1712K501 Datasheet
247Kb / 3P
San Ace 172 9E type
109E5712K501 SANYODENKI-109E5712K501 Datasheet
275Kb / 3P
San Ace 172 9E type
109E1312A101 SANYODENKI-109E1312A101 Datasheet
170Kb / 3P
San Ace 127 9E type
9GV5724H501 SANYODENKI-9GV5724H501 Datasheet
162Kb / 2P
DC Fan San Ace 172 9GV type
9HV5724P5H001 SANYODENKI-9HV5724P5H001 Datasheet
182Kb / 2P
DC Fan San Ace 172 9HV type
9SG5724P5H61 SANYODENKI-9SG5724P5H61 Datasheet
195Kb / 3P
DC Fan San Ace 172 9SG type
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
Counter Rotating Fan San Ace 172 9CR type
109-311 SANYODENKI-109-311 Datasheet
160Kb / 3P
AC Fan 172횞51 mm San Ace 172
109S301 SANYODENKI-109S301 Datasheet
129Kb / 2P
AC Fan 첩172x150x51 mm San Ace 172
9GA0312P3K001 SANYODENKI-9GA0312P3K001 Datasheet
187Kb / 3P
San Ace 38 9GA type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com