Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109E4712L401 Datasheet(PDF) 3 Page - SANYO DENKI CO., LTD.

Part # 109E4712L401
Description  San Ace 172 9E type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

109E4712L401 Datasheet(HTML) 3 Page - SANYO DENKI CO., LTD.

  109E4712L401 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 109E4712L401 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 109E4712L401 Datasheet HTML 3Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
200
55°
147
±0.8
55°
7.5
±0.4
25.4
±0.5
7.5
±0.4
(10)
+50
300 0
8-
ø4.5±0.4
回転方向
風吹出方向
リード線
AWG24
UL 1007
取付用穴
4-
ø4.5
55°
147
55°
8.5
CATALOG No. C1097B001 '20.1.IT
Inlet side, Outlet side
Rotating direction
Airflow direction
Mounting hole
Lead wire
Dimensions (unit: mm)
Reference Dimensions of Mounting Holes and Vent Opening (unit: mm)
Options
Finger guards
page: p. 560
Model no.: 109-319E, 109-319H, 109-320


Similar Part No. - 109E4712L401

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
109E HAMMOND-109E Datasheet
258Kb / 1P
   P.C. Board Mount (107-109 Series)
109E HAMMOND-109E Datasheet
343Kb / 2P
   MINIATURE EPOXY POTTED AUDIO TRANSFORMER
logo
SANYO DENKI CO., LTD.
109E1312A101 SANYODENKI-109E1312A101 Datasheet
170Kb / 3P
   San Ace 127 9E type
109E1312S101 SANYODENKI-109E1312S101 Datasheet
170Kb / 3P
   San Ace 127 9E type
109E1324A101 SANYODENKI-109E1324A101 Datasheet
170Kb / 3P
   San Ace 127 9E type
More results

Similar Description - 109E4712L401

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
109E1712K501 SANYODENKI-109E1712K501 Datasheet
247Kb / 3P
   San Ace 172 9E type
109E5712K501 SANYODENKI-109E5712K501 Datasheet
275Kb / 3P
   San Ace 172 9E type
109E1312A101 SANYODENKI-109E1312A101 Datasheet
170Kb / 3P
   San Ace 127 9E type
9GV5724H501 SANYODENKI-9GV5724H501 Datasheet
162Kb / 2P
   DC Fan San Ace 172 9GV type
9HV5724P5H001 SANYODENKI-9HV5724P5H001 Datasheet
182Kb / 2P
   DC Fan San Ace 172 9HV type
9SG5724P5H61 SANYODENKI-9SG5724P5H61 Datasheet
195Kb / 3P
   DC Fan San Ace 172 9SG type
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
   Counter Rotating Fan San Ace 172 9CR type
109-311 SANYODENKI-109-311 Datasheet
160Kb / 3P
   AC Fan 172횞51 mm San Ace 172
109S301 SANYODENKI-109S301 Datasheet
129Kb / 2P
   AC Fan 첩172x150x51 mm San Ace 172
9GA0312P3K001 SANYODENKI-9GA0312P3K001 Datasheet
187Kb / 3P
   San Ace 38 9GA type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com