Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM124FBK32 Datasheet(PDF) 8 Page - Texas Instruments

Part # TM124FBK32
Description  DYNAMIC RAM MODULES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM124FBK32 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TM124FBK32 Datasheet HTML 3Page - Texas Instruments TM124FBK32 Datasheet HTML 4Page - Texas Instruments TM124FBK32 Datasheet HTML 5Page - Texas Instruments TM124FBK32 Datasheet HTML 6Page - Texas Instruments TM124FBK32 Datasheet HTML 7Page - Texas Instruments TM124FBK32 Datasheet HTML 8Page - Texas Instruments TM124FBK32 Datasheet HTML 9Page - Texas Instruments TM124FBK32 Datasheet HTML 10Page - Texas Instruments TM124FBK32 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TM124FBK32, TM124FBK32S 1048576 BY 32-BIT
TM248GBK32, TM248GBK32S 2097152 BY 32-BIT
DYNAMIC RAM MODULES
SMMS664A – DECEMBER 1995 – REVISED JUNE 1996
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
’124FBK32-60
’248GBK32-60
’124FBK32-70
’248GBK32-70
’124FBK32-80
’248GBK32-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tAA
Access time from column address
30
35
40
ns
tCAC
Access time from CAS low
15
18
20
ns
tRAC
Access time from RAS low
60
70
80
ns
tCPA
Access time from column precharge
35
40
45
ns
tCLZ
CAS to output in the low-impedance state
0
0
0
ns
tREZ
Output disable time after RAS high (see Note 6)
3
15
3
18
3
20
ns
tWEZ
Output disable time after W low (see Note 6)
3
15
3
18
3
20
ns
NOTE 6: tREZ and tWEZ are specified when the output is no longer driven.
EDO timing requirements over recommended ranges of supply voltage and operating free-air
temperature
’124FBK32-60
’248GBK32-60
’124FBK32-70
’248GBK32-70
’124FBK32-80
’248GBK32-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tHPC
Cycle time, EDO page-mode read or write
25
30
35
ns
tPRWC
Cycle time, EDO read-write
80
90
100
ns
tCSH
Hold time, CAS from RAS
50
55
60
ns
tDOH
Hold time, output from CAS
3
3
3
ns
tCAS
Pulse duration, CAS
10
10 000
12
10 000
15
10 000
ns
tWPE
Pulse duration, W (output disable only)
5
5
5
ns
tCP
Precharge time, CAS
5
5
5
ns


Similar Part No. - TM124FBK32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F-60 TI1-TM124FBK32F-60 Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F-70 TI1-TM124FBK32F-70 Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32H-60 TI1-TM124FBK32H-60 Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM124FBK32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32H TI1-TM124BBK32H Datasheet
146Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com