Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM124FBK32 Datasheet(PDF) 9 Page - Texas Instruments

Part # TM124FBK32
Description  DYNAMIC RAM MODULES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM124FBK32 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TM124FBK32 Datasheet HTML 3Page - Texas Instruments TM124FBK32 Datasheet HTML 4Page - Texas Instruments TM124FBK32 Datasheet HTML 5Page - Texas Instruments TM124FBK32 Datasheet HTML 6Page - Texas Instruments TM124FBK32 Datasheet HTML 7Page - Texas Instruments TM124FBK32 Datasheet HTML 8Page - Texas Instruments TM124FBK32 Datasheet HTML 9Page - Texas Instruments TM124FBK32 Datasheet HTML 10Page - Texas Instruments TM124FBK32 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TM124FBK32, TM124FBK32S 1048576 BY 32-BIT
TM248GBK32, TM248GBK32S 2097152 BY 32-BIT
DYNAMIC RAM MODULES
SMMS664A – DECEMBER 1995 – REVISED JUNE 1996
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended range of supply voltage and operating free-air
temperature
’124FBK32-60
’248GBK32-60
’124FBK32-70
’248GBK32-70
’124FBK32-80
’248GBK32-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tRWC
Cycle time, read-write
150
175
200
ns
tRASP
Pulse duration, page-mode, RAS low
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, non-page-mode, RAS low
60
10 000
70
10 000
80
10 000
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tWP
Pulse duration, W low
10
10
10
ns
tRASS
Pulse duration, self-refresh entry from RAS low
100
100
100
µs
tRPS
Pulse duration, RAS precharge after self-refresh
110
130
150
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data before CAS low
0
0
0
ns
tRCS
Setup time, W high before CAS low
0
0
0
ns
tCWL
Setup time, W low before CAS high
10
12
15
ns
tRWL
Setup time, W low before RAS high
10
12
15
ns
tWCS
Setup time, W low before CAS low
0
0
0
ns
tWRP
Setup time, W high before RAS low (see Note 8)
10
10
10
ns
tCAH
Hold time, column address after CAS low
10
15
15
ns
tDH
Hold time, data after CAS low
10
15
15
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tRCH
Hold time, W high after CAS high (see Note 9)
0
0
0
ns
tRRH
Hold time, W high after RAS high (see Note 9)
0
0
0
ns
tWCH
Hold time, W low after CAS low
10
15
15
ns
tWRH
Hold time, W high after RAS low (see Note 8)
10
10
10
ns
tRHCP
Hold time, RAS high from CAS precharge
35
40
45
ns
tCHS
Hold time, CAS low after RAS high (self-refresh)
– 50
– 50
– 50
ns
tCHR
Delay time, RAS low to CAS high (see Note 8)
10
10
10
ns
tCRP
Delay time, CAS high to RAS low
5
5
5
ns
tCSR
Delay time, CAS low to RAS low (see Note 8)
5
5
5
ns
tRAD
Delay time, RAS low to column address (see Note 10)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
tCAL
Delay time, column address to CAS high
20
25
30
ns
tRCD
Delay time, RAS low to CAS low (see Note 10)
20
45
20
52
20
60
ns
tRPC
Delay time, RAS high to CAS low (CBR only)
0
0
0
ns
tRSH
Delay time, CAS low to RAS high
10
12
15
ns
tREF
Refresh time interval
16
16
16
ms
tT
Transition time
2
30
2
30
2
30
ns
NOTES:
7. All cycled times assume tT = 5 ns.
8. CBR refresh only
9. Either tRRH or tRCH must be satisfied for a read cycle.
10. Maximum value specified only to assure access time.


Similar Part No. - TM124FBK32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
DYNAMIC RAM MODULE
TM124FBK32F-60 TI1-TM124FBK32F-60 Datasheet
141Kb / 9P
DYNAMIC RAM MODULE
TM124FBK32F-70 TI1-TM124FBK32F-70 Datasheet
141Kb / 9P
DYNAMIC RAM MODULE
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
DYNAMIC RAM MODULES
TM124FBK32H-60 TI1-TM124FBK32H-60 Datasheet
147Kb / 9P
DYNAMIC RAM MODULES
More results

Similar Description - TM124FBK32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32H TI1-TM124BBK32H Datasheet
146Kb / 9P
DYNAMIC RAM MODULES
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
DYNAMIC RAM MODULES
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com