Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF36025CU41A Datasheet(PDF) 2 Page - Schneider Electric

Part # PJF36025CU41A
Description  Molded Case Circuit Breaker 600V 250A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PJF36025CU41A Datasheet(HTML) 2 Page - Schneider Electric

  PJF36025CU41A Datasheet HTML 1Page - Schneider Electric PJF36025CU41A Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering and shipping details
Package weight(Lbs)
32.00 lb(US) (14.515 kg)
2


Similar Part No. - PJF36025CU41A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PJF36025CU43A SCHNEIDER-PJF36025CU43A Datasheet
141Kb / 2P
Molded Case Circuit Breaker 600V 250A
PJF36025CU44A SCHNEIDER-PJF36025CU44A Datasheet
163Kb / 2P
Molded Case Circuit Breaker 600V 250A
More results

Similar Description - PJF36025CU41A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PGF36025U43A SCHNEIDER-PGF36025U43A Datasheet
139Kb / 1P
Molded Case Circuit Breaker 600V 250A
PGF36025U44A SCHNEIDER-PGF36025U44A Datasheet
161Kb / 1P
Molded Case Circuit Breaker 600V 250A
PGL36025CU43A SCHNEIDER-PGL36025CU43A Datasheet
141Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 250A
PGL36025U33AMO SCHNEIDER-PGL36025U33AMO Datasheet
141Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 250A
PJF36025CU43A SCHNEIDER-PJF36025CU43A Datasheet
141Kb / 2P
Molded Case Circuit Breaker 600V 250A
PJL36025CU31A SCHNEIDER-PJL36025CU31A Datasheet
144Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 250A
PJL36025U74AE1 SCHNEIDER-PJL36025U74AE1 Datasheet
144Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 250A
PKF36025CU41A SCHNEIDER-PKF36025CU41A Datasheet
147Kb / 2P
Molded Case Circuit Breaker 600V 250A
PKL36025CU44A SCHNEIDER-PKL36025CU44A Datasheet
94Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 250A
LAL3625035 SCHNEIDER-LAL3625035 Datasheet
56Kb / 1P
MOLDED CASE CIRCUIT BREAKER 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com