Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM22P-297 Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # SM22P-297
Description  SSD (Solid-State Disk) with compact form factor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SM22P-297 Datasheet(HTML) 3 Page - Apacer Technology Inc.

  SM22P-297 Datasheet HTML 1Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 2Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 3Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
Interface
Connector
Form Factor
NAND Flash Type
Capacity
External DRAM
Sustained Read Performance (MB/sec)
Sustained Write Performance (MB/sec)
ECC Engine
Standard Operating Temperature ( °C )
Extended Operating Temperature ( °C )
Storage Temperature ( °C )
Thermal Sensor
Shock
Vibration
Operating Voltage
Power Consumption
Active mode:
Dimension (L x W x H )
MTBF (hours)
SM22P-297
SATA 3.0 (6Gb/s)
(7+15) pin male
JEDEC (MO297)
MLC
32GB~128GB
Yes
Up to 510
Up to 85
Built-in 72-bit per 1K bytes BCH ECC
0 ~ + 70
-40 ~ + 85
-40 ~ + 100
Optional
1500G (complied with MIL-STD810)
15G (complied with MIL-STD810)
5.0 V ± 5%
Active mode: 320 mA & Idle mode: 80 mA
54 x 39.8 x 4 (mm)
>1,000,000


Similar Part No. - SM22P-297

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SM22P-CFAST APACER-SM22P-CFAST Datasheet
798Kb / 4P
   Advanced 4K Page Mapping Technology,
More results

Similar Description - SM22P-297

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SH250-M280 APACER-SH250-M280 Datasheet
1Mb / 5P
   solid-state disk (SSD) drive with standard form factor
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
UH110-UFM1 APACER-UH110-UFM1 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com