Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM22P-297 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # SM22P-297
Description  SSD (Solid-State Disk) with compact form factor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SM22P-297 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  SM22P-297 Datasheet HTML 1Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 2Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 3Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Overview
‧ Compliant with JEDEC MO-297 standard
‧ CorePower Technology
‧ Global Wear-leveling and Block Management
‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions
‧ TRIM Command Support
‧ DEVSLP Support
‧ Power Failure Management
Featuring CorePower technology, Apacer’s
balanced solid-state disk (SSD) drive with compact form factor
and great performance. Designed in SATA 6.0
SSD is able to deliver exceptional read/write speed, making it
the ideal companion for heavy-loading industrial or server
operations. For data efficiency, the internal controlling unit of
the SSD is engineered with DRAM for enhanced random
performance. In regard of reliability, the drive comes with
various implementations including powerful hardware ECC
engine, power saving modes, wear leveling, flash block
management, S.M.A.R.T., TRIM, and power failure management.
Feature
SM22P-297
297 standard
leveling and Block Management
in ATA Secure Erase and S.M.A.R.T. Functions
Apacer’s SM22P-297 is a well-
state disk (SSD) drive with compact form factor
and great performance. Designed in SATA 6.0 Gbps interface, the
SSD is able to deliver exceptional read/write speed, making it
loading industrial or server
operations. For data efficiency, the internal controlling unit of
the SSD is engineered with DRAM for enhanced random
performance. In regard of reliability, the drive comes with
various implementations including powerful hardware ECC
engine, power saving modes, wear leveling, flash block
management, S.M.A.R.T., TRIM, and power failure management.


Similar Part No. - SM22P-297

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SM22P-CFAST APACER-SM22P-CFAST Datasheet
798Kb / 4P
   Advanced 4K Page Mapping Technology,
More results

Similar Description - SM22P-297

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SH250-M280 APACER-SH250-M280 Datasheet
1Mb / 5P
   solid-state disk (SSD) drive with standard form factor
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
UH110-UFM1 APACER-UH110-UFM1 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com