Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM22P-297 Datasheet(PDF) 4 Page - Apacer Technology Inc.

Part # SM22P-297
Description  SSD (Solid-State Disk) with compact form factor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SM22P-297 Datasheet(HTML) 4 Page - Apacer Technology Inc.

  SM22P-297 Datasheet HTML 1Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 2Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 3Page - Apacer Technology Inc. SM22P-297 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Taiwan (Headquarters)
Apacer Technology Inc.
Tel: +886-2-2267-8000
Fax: +886-2-2267-2261
Europe
Apacer Technology B.V.
Tel: +31-40-267-0000
Fax: +31-40-290-0686
Japan
Apacer Technology Corp.
Tel: +81-3-5419-2668
Fax: +81-3-5419-0018
India
Apacer Technologies Pvt. Ltd.
Tel: +91-80-41529061~3
Fax: +91-80-41700215
Global Presence
Mechanical Specification
For more information, contact your Apacer representative
U.S.A.
Apacer Memory America, Inc.
Tel: +1-408-518-8699
Fax: 1-510-249-9551
China
Apacer Electronic(Shanghai)
Co., Ltd.
Tel: +86-21-6228-9939
Global Presence
Unit: mm
DOC:20161116
For more information, contact your Apacer representative


Similar Part No. - SM22P-297

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SM22P-CFAST APACER-SM22P-CFAST Datasheet
798Kb / 4P
   Advanced 4K Page Mapping Technology,
More results

Similar Description - SM22P-297

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SH250-M280 APACER-SH250-M280 Datasheet
1Mb / 5P
   solid-state disk (SSD) drive with standard form factor
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
UH110-UFM1 APACER-UH110-UFM1 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com