Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780204 Datasheet(PDF) 92 Page - NEC

Part # UPD780204
Description  8-Bit Single-Chip Microcontrollers
Download  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780204 Datasheet(HTML) 92 Page - NEC

Back Button UPD780204 Datasheet HTML 88Page - NEC UPD780204 Datasheet HTML 89Page - NEC UPD780204 Datasheet HTML 90Page - NEC UPD780204 Datasheet HTML 91Page - NEC UPD780204 Datasheet HTML 92Page - NEC UPD780204 Datasheet HTML 93Page - NEC UPD780204 Datasheet HTML 94Page - NEC UPD780204 Datasheet HTML 95Page - NEC UPD780204 Datasheet HTML 96Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 418 page
background image
CHAPTER 4
PORT FUNCTIONS
92
User’s Manual U11302EJ4V0UM
4.2.8
Port 10
Port 10 is an 8-bit I/O port with an output latch. The P100 to P107 pins can be set to input mode/output mode
in 1-bit units using port mode register 10 (PM10). In mask ROM versions, use of pull-down resistors can be specified
in 1-bit units with the mask option. Pull-down resistor connection to VLOAD or VSS can be specified in 4-bit units.
The
µPD78P0208 does not contain pull-down resistors.
Port 10 can drive LEDs directly.
Alternate functions include VFD controller/driver display output.
RESET input sets port 10 to input mode.
Figure 4-11 shows a block diagram of port 10.
Caution Adjust the number of pull-down resistors so that the total power dissipation (refer to 15.10
Calculating Total Power Dissipation) is not exceeded.
Figure 4-11. Block Diagram of P100 to P107
RD
WRPORT
WRPM
Selector
Output latch
(P100 to P107)
PM100 to PM107
Alternate function
P100/FIP29
to
P107/FIP36
VLOAD
Mask option
Only mask ROM versions.
The PD78P0208 has no
pull-down resistors.
µ
PM:
RD:
WR:
Port mode register
Port 10 read signal
Port 10 write signal


Similar Part No. - UPD780204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780208 NEC-UPD780208 Datasheet
576Kb / 62P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD780208 NEC-UPD780208 Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780208 NEC-UPD780208 Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD780208 NEC-UPD780208 Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780208 NEC-UPD780208 Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com