Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780204 Datasheet(PDF) 68 Page - NEC

Part # UPD780204
Description  8-Bit Single-Chip Microcontrollers
Download  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780204 Datasheet(HTML) 68 Page - NEC

Back Button UPD780204 Datasheet HTML 64Page - NEC UPD780204 Datasheet HTML 65Page - NEC UPD780204 Datasheet HTML 66Page - NEC UPD780204 Datasheet HTML 67Page - NEC UPD780204 Datasheet HTML 68Page - NEC UPD780204 Datasheet HTML 69Page - NEC UPD780204 Datasheet HTML 70Page - NEC UPD780204 Datasheet HTML 71Page - NEC UPD780204 Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 418 page
background image
CHAPTER 3
CPU ARCHITECTURE
68
User’s Manual U11302EJ4V0UM
3.3 Instruction Address Addressing
An instruction address is determined by program counter (PC) contents.
The PC contents are normally
incremented (+1 for each byte) automatically according to the number of bytes of the instruction to be fetched each
time another instruction is executed. When a branch instruction is executed, the branch destination information
is set to the PC and the program is branched by the following addressing (for details of instructions, refer to the
78K/0 Series Instructions User’s Manual (U12326E)).
3.3.1 Relative addressing
[Function]
The value obtained by adding 8-bit immediate data (displacement value: jdisp8) of an instruction code to the
start address of the following instruction is transferred to the program counter (PC) and branched. The displacement
value is treated as signed two’s complement data (–128 to +127) and bit 7 becomes a sign bit. In other words,
the range of branch in relative addressing is between –128 and +127 of the start address of the following instruction.
This function is carried out when the BR $addr16 instruction or a conditional branch instruction is executed.
[Illustration]
15
0
PC
+
15
0
876
S
15
0
PC
α
jdisp8
When S = 0, all bits of
α are 0.
When S = 1, all bits of
α are 1.
PC indicates the start address
of the instruction
after the BR instruction.
...


Similar Part No. - UPD780204

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780208 NEC-UPD780208 Datasheet
576Kb / 62P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD780208 NEC-UPD780208 Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780208 NEC-UPD780208 Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD780208 NEC-UPD780208 Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780208 NEC-UPD780208 Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com