Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA56 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MPSA56
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPSA56 Datasheet(HTML) 3 Page - ON Semiconductor

  MPSA56 Datasheet HTML 1Page - ON Semiconductor MPSA56 Datasheet HTML 2Page - ON Semiconductor MPSA56 Datasheet HTML 3Page - ON Semiconductor MPSA56 Datasheet HTML 4Page - ON Semiconductor MPSA56 Datasheet HTML 5Page - ON Semiconductor MPSA56 Datasheet HTML 6Page - ON Semiconductor MPSA56 Datasheet HTML 7Page - ON Semiconductor MPSA56 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPSA05, MPSA06, MPSA55, MPSA56
http://onsemi.com
3
Figure 2. MPSA05/06 Current−Gain —
Bandwidth Product
Figure 3. MPSA55/56 Current−Gain —
Bandwidth Product
Figure 4. MPSA05/06 Capacitance
Figure 5. MPSA55/56 Capacitance
Figure 6. MPSA05/06 Switching Time
Figure 7. MPSA55/56 Switching Time
100
200
2.0
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
IC, COLLECTOR CURRENT (mA)
−100
−200
−10
200
100
70
50
20
10
100
0.1
VR, REVERSE VOLTAGE (VOLTS)
80
60
40
20
10
8.0
VR, REVERSE VOLTAGE (VOLTS)
−1.0
−100
−0.1
100
70
50
30
20
10
−2.0
20
VCE = 2.0 V
TJ = 25°C
VCE = −2.0 V
TJ = 25°C
TJ = 25°C
NPN
PNP
3.0
5.0 7.0 10
20
30
50 70
−2.0 −3.0
−5.0 −7.0
−20 −30
−50 −70
30
50
1.0
2.0
5.0
0.2
0.5
6.0
4.0
Cibo
Cobo
7.0
5.0
−0.2
−0.5
−5.0
−10 −20
−50
TJ = 25°C
Cibo
Cobo
20
10
IC, COLLECTOR CURRENT (mA)
200
100
50
20
10
IC, COLLECTOR CURRENT (mA)
−10
−5.0
500
200
100
50
20
10
−100
100
50
200
500
1.0 k
500
VCC = 40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
−50
−200
−500
1.0 k
5.0 7.0
30
70
300
700
30
70
td @ VBE(off) = 0.5 V
300
700
70
30
−7.0
−300
−70
−20 −30
VCC = −40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
tr
td @ VBE(off) = −0.5 V
300


Similar Part No. - MPSA56

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA56 MOTOROLA-MPSA56 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
MPSA56 MCC-MPSA56 Datasheet
573Kb / 4P
   PNP Silicon Amplifier Transistor
logo
Fairchild Semiconductor
MPSA56 FAIRCHILD-MPSA56 Datasheet
1Mb / 15P
   PNP General Purpose Amplifier
logo
SHENZHEN YONGERJIA INDU...
MPSA56 WINNERJOIN-MPSA56 Datasheet
125Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
MPSA56 PHILIPS-MPSA56 Datasheet
41Kb / 8P
   PNP general purpose transistor
1999 Apr 27
More results

Similar Description - MPSA56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com